Electronic Components Datasheet Search
  English  ▼

X  

BQ25011 Datasheet(PDF) 1 Page - Texas Instruments

Part # BQ25011
Description  SINGLE-CHIP CHARGER AND DC/DC CONVERTER IC FOR BLUETOOTH HEADSETS AND OTHER PORTABLE APPLICATIONS (bqHYBRID??
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ25011 Datasheet(HTML) 1 Page - Texas Instruments

  BQ25011 Datasheet HTML 1Page - Texas Instruments BQ25011 Datasheet HTML 2Page - Texas Instruments BQ25011 Datasheet HTML 3Page - Texas Instruments BQ25011 Datasheet HTML 4Page - Texas Instruments BQ25011 Datasheet HTML 5Page - Texas Instruments BQ25011 Datasheet HTML 6Page - Texas Instruments BQ25011 Datasheet HTML 7Page - Texas Instruments BQ25011 Datasheet HTML 8Page - Texas Instruments BQ25011 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
www.ti.com
FEATURES
DESCRIPTION
APPLICATIONS
5
6
7
8
19
3
AC
USB
SW
VSS
STAT1
STAT2
13
12
ISET2
ISET1
bq25012RHL
PACK+
PACK−
VDC
GND
VBUS
GND
D+
D −
USB Port
AC Adapter
15
CE
2
FB
16
BAT/OUT
+
DSP
Processor
Bluetooth Chipset
Battery
Pack
1.8 V
17
BAT/OUT
9
18
VSS
VSS
EN
4
20
FPWM
UDG−04070
RSET
14
PG
bq25010
bq25011
bq25012
SLUS615 – DECEMBER 2004
SINGLE-CHIP CHARGER AND DC/DC CONVERTER IC FOR BLUETOOTH HEADSETS
AND OTHER PORTABLE APPLICATIONS (bqHYBRID™)
•
Li-Ion Or Li-Pol Charge Management and
The bqHYBRID™ series are highly integrated charge
Synchronous DC-DC Power Conversion In a
and
power
management
devices
targeted
at
Single Chip
space-limited bluetooth applications. The bqHYBRID
series offer integrated power FET and current sensor
•
Optimized for Powering Bluetooth Headsets
for charge control, reverse blocking protection, high
and Accessories
accuracy current and voltage regulation, charge
•
Charges and Powers the System from Either
status, charge termination, and a highly efficient and
the AC Adapter or USB with Autonomous
low-power dc-dc converter in a small package.
Power Source Selection
The bqHYBRID charges the battery in three phases:
•
Integrated USB Charge Control with
conditioning, constant current and constant voltage.
Selectable 100 mA and 500 mA Charge Rates
Charge is terminated based on minimum current. An
•
Integrated Power FET and Current Sensor for
internal charge timer provides a backup safety feature
for charge termination. The bqHYBRID automatically
Up to 500 mA Charge Applications AND
re-starts the charge if the battery voltage falls below
100 mA 1.8 V DC-DC Controller with
an internal threshold. The bqHYBRID automatically
Integrated FET
enters sleep mode when VCC supply is removed.
•
Reverse Leakage Protection Prevents Battery
The integrated low-power high-efficiency dc-dc con-
Drainage
verter
is
designed
to
operate
directly
from
a
•
Automatic Power Save Mode For High
single-cell Li-Ion or Li-Pol battery pack. The output
Efficiency at Low Current, or Forced PWM for
voltage is either adjustable from 0.7 V to VBAT
Frequency Sensitive Applications
(bq25010), fixed at 3.3 V (bq25011), or fixed at 1.8 V
(bq25012), and is capable of delivering up to 150-mA
of load current. The dc-dc converter operates at a
synchronized 1 MHz switching frequency allowing for
•
Bluetooth Headsets
the use of small inductors.
•
Bluetooth Accessories
•
Low-Power Handheld Devices
TYPICAL APPLICATION
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
bqHYBRID is a trademark of Benchmark.
PRODUCTION DATA information is current as of publication date.
Copyright © 2004, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - BQ25011

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ25011 TI2-BQ25011 Datasheet
848Kb / 27P
SINGLE-CHIP CHARGER AND DC/DC CONVERTER IC FOR PORTABLE APPLICATIONS (bq2501x)
REVISED JULY 2007
BQ25011RHLR TI2-BQ25011RHLR Datasheet
848Kb / 27P
SINGLE-CHIP CHARGER AND DC/DC CONVERTER IC FOR PORTABLE APPLICATIONS (bq2501x)
REVISED JULY 2007
More results

Similar Description - BQ25011

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT2556 ANALOGICTECH-AAT2556 Datasheet
743Kb / 29P
Battery Charger and Step-Down Converter for Portable Applications
logo
Advanced Analog Technol...
AAT2556 AAT-AAT2556 Datasheet
2Mb / 29P
Battery Charger and Step-Down Converter for Portable Applications
2556.2006.09.1.2
logo
Texas Instruments
BQ25015 TI-BQ25015 Datasheet
782Kb / 28P
SINGLE-CHIP CHARGER AND DC/DC CONVERTER IC FOR PORTABLE APPLICATIONS
logo
Linear Technology
LTC1980 LINER-LTC1980_1 Datasheet
238Kb / 16P
Combination Battery Charger and DC/DC Converter
logo
Eutech Microelectronics...
EUP8086 EUTECH-EUP8086 Datasheet
892Kb / 19P
Battery Charger and Step-Down Converter for Portable Applications
logo
Skyworks Solutions Inc.
AAT2556 SKYWORKS-AAT2556 Datasheet
2Mb / 27P
Battery Charger and Step-Down Converter for Portable Applications
logo
Dialog Semiconductor
DA9131 DIALOG-DA9131 Datasheet
1Mb / 56P
High-Performance, Dual-Channel DC-DC Converter for Mobile and Portable Applications
DA9132 DIALOG-DA9132 Datasheet
1Mb / 56P
High-Performance, Dual-Channel DC-DC Converter for Mobile and Portable Applications
logo
Renesas Technology Corp
DA9131 RENESAS-DA9131 Datasheet
955Kb / 58P
High-Performance, Dual-Channel DC-DC Converter for Mobile and Portable Applications
25-May-2022
DA9132 RENESAS-DA9132 Datasheet
969Kb / 58P
High-Performance, Dual-Channel DC-DC Converter for Mobile and Portable Applications
25-May-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com