Electronic Components Datasheet Search
  English  ▼

X  

199D Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 199D
Description  Solid-Electrolyte TANTALEX® Capacitors, Resin-Coated, Radial-Lead
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

199D Datasheet(HTML) 1 Page - Vishay Siliconix

  199D Datasheet HTML 1Page - Vishay Siliconix 199D Datasheet HTML 2Page - Vishay Siliconix 199D Datasheet HTML 3Page - Vishay Siliconix 199D Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Document Number: 40020
Revision 07-May-03
www.vishay.com
94
199D
Vishay Sprague
For technical questions, contact tantalum@vishay com
Solid-Electrolyte TANTALEX
® Capacitors,
Resin-Coated, Radial-Lead
*Maximum Seated Height is identical to Maximum Length for units ordered with Lead Style 'A'. ** 0.200mil Lead spacing Tol. ± .050 ( ).
PERFORMANCE CHARACTERISTICS
Operating Temperature: - 55°C to + 85°C. (To + 125°C
with voltage derating.)
Capacitance Tolerance: At 120 Hz, + 25°C. ± 20%, ± 10%
standard. ± 5%, special order.
Dissipation Factor: At 120 Hz, + 25°C. Dissipation factor,
as determined from the expression 2πfRC, shall not exceed
the values listed in the Standard Ratings Tables.
DC Leakage Current (DCL Max.):
At + 25
°C: Leakage current shall not exceed the values
listed in the Standard Ratings Tables.
At + 85
°C: Leakage current shall not exceed 10 times the
values listed in the Standard Ratings Tables.
FEATURES
• Economy and high performance are combined in these
radial-lead, solid-electrolyte TANTALEX
® capacitor.
• Rugged, reliable capacitors featuring low leakage current
and low dissipation factor.
• Six miniature case sizes and three lead styles . All case
sizes are available in standard tape and reel packaging per
EIA-RS-468.
• Standard ratings include replacements for Type 196D
capacitors.
APPLICATIONS
• Suitable for a broad range of consumer, commercial and
industrial equipment
DIMENSIONS in inches [millimeters]
LEAD SIZE
NOM. DIA.
0.020 [0.51]
0.020 [0.51]
0.020 [0.51]
0.020 [0.51]
0.020 [0.51]
0.020 [0.51]
AWG NO.
24
24
24
24
24
24
CASE
CODE
A
B
C
D
E
F
DIAMETER
D (MAX.)
0.177 [4.40]
0.196 [5.00]
0.216 [5.50]
0.236 [6.00]
0.340 [8.60]
0.380 [9.60]
LENGTH
L (MAX.)
0.280 [7.11]
0.300 [7.62]
0.360 [9.14]
0.400 [10.16]
0.492 [12.50]
0.650 [16.50]
SEATED HEIGHT
H (MAX.)*
0.340 [8.64]
0.360 [9.14]
0.420 [10.67]
0.460 [11.68]
0.552 [14.02]
0.710 [18.03]
Anode
Length
0.100
± 0.030
[2.5
± 0.76]
LEAD SPACING
All
All
All
All
**
**
Lead Style 1
"Long/Short"
Cathode
Length
L
Max.
D
Max.
S
Lead Length
H
Max.
D
Max.
L
Max.
S
Lead Style 6
"Outside Hockeystick"
0.200
± 0.030
[5.1
± .76]
At + 125
°C: Leakage current shall not exceed 15 times
the values listed in the Standard Ratings Tables.
Life Test: Capacitors shall withstand rated DC voltage
applied at + 85°C for 1000 hours with a circuit resistance
no greater than 3 ohms.
Following the life test:
1. DCL shall not exceed 125% of the initial requirement.
2. Dissipation Factor shall meet the initial requirement.
3. Change in capacitance shall not exceed ± 10%.
Lead Style X
"Hairpin"
L
Max.
H
Max.
Lead Length
S
D
Max.
0.250
[6.35]
Max.


Similar Part No. - 199D

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
199D VISHAY-199D Datasheet
119Kb / 8P
olid-Electrolyte TANTALEX™ Capacitors, Resin-Coated, Radial-Lead
04-Aug-2020
199D1041035A23 VISHAY-199D1041035A23 Datasheet
119Kb / 8P
olid-Electrolyte TANTALEX™ Capacitors, Resin-Coated, Radial-Lead
04-Aug-2020
199D1041050A23 VISHAY-199D1041050A23 Datasheet
119Kb / 8P
olid-Electrolyte TANTALEX™ Capacitors, Resin-Coated, Radial-Lead
04-Aug-2020
199D104XXXXX VISHAY-199D104XXXXX Datasheet
119Kb / 8P
olid-Electrolyte TANTALEX™ Capacitors, Resin-Coated, Radial-Lead
04-Aug-2020
199D1051020A23 VISHAY-199D1051020A23 Datasheet
119Kb / 8P
olid-Electrolyte TANTALEX™ Capacitors, Resin-Coated, Radial-Lead
04-Aug-2020
More results

Similar Description - 199D

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
199D226X0016DA1 VISHAY-199D226X0016DA1 Datasheet
114Kb / 7P
Solid-Electrolyte TANTALEX® Capacitors, Resin-Coated, Radial-Lead
29-Nov-12
199D336X9010DE2 VISHAY-199D336X9010DE2 Datasheet
114Kb / 7P
Solid-Electrolyte TANTALEX® Capacitors, Resin-Coated, Radial-Lead
29-Nov-12
199D686X9025F6V1 VISHAY-199D686X9025F6V1 Datasheet
114Kb / 7P
Solid-Electrolyte TANTALEX Capacitors
29-Nov-12
199D106X9025C1V1E3 VISHAY-199D106X9025C1V1E3 Datasheet
114Kb / 7P
Solid-Electrolyte TANTALEX Capacitors, Resin-Coated, Radial-Lead
29-Nov-12
199D225X9050C1V1E3 VISHAY-199D225X9050C1V1E3 Datasheet
114Kb / 7P
Solid-Electrolyte TANTALEX® Capacitors, Resin-Coated, Radial-Lead
29-Nov-12
489D-499D VISHAY-489D-499D Datasheet
129Kb / 10P
Resin-Coated, Radial-Lead Solid Tantalum Capacitors
04-Aug-2020
299D VISHAY-299D Datasheet
132Kb / 8P
Solid-Electrolyte TANTALEX® Capacitors, Tripole Triple-Lead, Resin-Coated
06-Aug-2020
152D VISHAY-152D Datasheet
153Kb / 11P
Solid-Electrolyte TANTALEX™ Capacitors, Extended Capacitance Values, Hermetically-Sealed
17-Aug-2020
M39003 VISHAY-M39003 Datasheet
86Kb / 6P
Solid-Electrolyte TANTALEX™ Capacitors, Military MIL-PRF-39003/09 Qualified, Style CSR21
05-Aug-2020
199D VISHAY-199D_V01 Datasheet
119Kb / 8P
olid-Electrolyte TANTALEX™ Capacitors, Resin-Coated, Radial-Lead
04-Aug-2020
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com