Electronic Components Datasheet Search
  English  ▼

X  

T620-600W Datasheet(PDF) 3 Page - STMicroelectronics

Part # T620-600W
Description  SNUBBERLESS TRIAC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

T620-600W Datasheet(HTML) 3 Page - STMicroelectronics

  T620-600W Datasheet HTML 1Page - STMicroelectronics T620-600W Datasheet HTML 2Page - STMicroelectronics T620-600W Datasheet HTML 3Page - STMicroelectronics T620-600W Datasheet HTML 4Page - STMicroelectronics T620-600W Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
T620-600W / T630-600W
3/5
012
34
56
0
2
4
6
8
180
O
=180
o
=120
o
=90
o
=60
o
=30
o
T(RMS)
I(A)
P(W)
Fig.1 : Maximum power dissipation versus RMS
on-state current.
0
102030405060708090 100 110 120 130
0
1
2
3
4
5
6
7
=180
o
Tcase( C)
o
I(A)
T(RMS)
Fig.3 : RMS on-state current versus case temper-
ature.
2.6
2.4
2.2
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
Igt
Tj( C)
o
Ih
-40
-20
0
20
40
60
80
100
120
140
Igt[Tj]
Igt[Tj=25 C]
o
Ih[Tj]
Ih[Tj=25 C]
o
Fig.5 : Relative variation of gate trigger current
and holding current versus junction temperature.
P (W)
0
10 203040506070 8090 100 110 120 130
0
2
4
6
8-95
-100
-105
-110
-115
-120
-125
Rth=0 C/W
2.5 C/W
5C/W
10 C/W
o
o
o
o
Tamb(C)
o
Tcase ( C)
o
Fig.2 : Correlation between maximum power dissi-
pation and maximum allowable temperature
(Tamb and Tcase) for different thermal resistances
heatsink + contact.
1E-3
1E-2
1E-1
1E +0
1E +1
1E+2 5E+2
0.01
0.1
1
Zth/Rth
Zth(j-c)
Zth(j-a)
tp(s)
Fig.4 : Thermal transient impedance junction to
case and junction to ambient versus pulse dura-
tion.
110
100
1000
0
10
20
30
40
50
60
70
Tj initial = 25 C
o
Number of cycles
I(A)
TSM
Fig.6 : Non repetitive surge peak on-state current
versus number of cycles.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com