Electronic Components Datasheet Search
  English  ▼

X  

LX1689 Datasheet(PDF) 9 Page - Microsemi Corporation

Part # LX1689
Description  Third Generation CCFL Controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX1689 Datasheet(HTML) 9 Page - Microsemi Corporation

Back Button LX1689 Datasheet HTML 5Page - Microsemi Corporation LX1689 Datasheet HTML 6Page - Microsemi Corporation LX1689 Datasheet HTML 7Page - Microsemi Corporation LX1689 Datasheet HTML 8Page - Microsemi Corporation LX1689 Datasheet HTML 9Page - Microsemi Corporation LX1689 Datasheet HTML 10Page - Microsemi Corporation LX1689 Datasheet HTML 11Page - Microsemi Corporation LX1689 Datasheet HTML 12Page - Microsemi Corporation LX1689 Datasheet HTML 13Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
Microsemi
Integrated Products
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 9
Copyright
 2000
Rev. 1.0b, 2003-03-31
LX1689
Third Generation CCFL Controller
PRODUCTION DATA SHEET
I NT E GRA T ED
PR ODUC T S
TY PICAL APPLICATION
R6
120
C5
470pF 16V
R2
51.1K
1%
R3
4.99K 1%
C4
100nF 16V
C3
100nF 16V
C6
100µF
10V 20%
TANT
C8
100nF
50V
C9*
2pF
C10
1 5nF
25V 5%
COG
R7
255
Ω 1%
C1
100nF 16V
C2
100nF 16V
R1
6.65
K 1%
V
BATT
GND
BRITE
ENABLE
Lamp
Lamp
GND
I_R
EA_OUT
EA_IN
BRITE_OUT
I_SNS
OV_SNS
OC_SNS
V
BATT
VDD_A
VDD_P
ENABLE
BRITE_IN
BRITE_R
BRITE_C
DIV_248
DIM_MODE
DIM_CLK
AOUT
BOUT
3.0V < V
BATT < 5V
C7
1nF
16V
T1 SGE2697-1
MICROSEMI
1:53
LMT1410
275V
RMS ±
I
OUT = 3 5m
100kHz
Nominal 3.2V to 4.2V
N.C.
U2 FDC6305N
FA RCH LD
*C9 PCB CAPACITOR COPPER AREAS TO EQUAL
APPROXIMATELY
342MM FOR 0.80MM THICK PCB
PCB CAP AREA FORMULA (K TYPICIALLY = 5.35)
AREA(MM²) = D(mm) x C x 113097 E+9 / K
R4
10K
R5
10
VDD_A
C11
1.0uF 10V
10%
VDD_A
Enable input
Logic Level: 2.5V to 3 3V
ON: Logic 'HI' = >1.5V
OFF: Logic 'LOW' =< 0.8V
BRITE Input Control Range
(Linear DC)
Min. Brite 'LO' <= 0 50V
Max. Brite 'HI' >= 2.00V
(2 5V to 3.3V Logic PWM)
Min. Brite Pos Duty <= 1.6%
Max. Brite Pos Duty >= 92%
PWM freq 7 5Khz to 100Khz
Burst Rate Freq: 195Hz ± 4%
Alternate Maximum Lamp Current Table
Lamp current | R1 value | R7 Value
4 0mArms | 6.65K 1% | 221 1%
3 5mArms | 6.65K 1% | 255 1%
3 0mArms | 6.65K 1% | 294 1%
2 5mArms | 11 8K 1% | 200 1%
2 0mArms | 11 8K 1% | 249 1%
1 5mArms | 11 8K 1% | 332 1%
LX1689CPW
1
3
6
4
2,5
1
3
2
4,5
6
FIGURE 2 – LX1689 Typical 1W Application
DIMMING TABLE
DIM_MODE
DIM_CLK
DIMMING MODE
DIMMING POLARITY*
VDD_A
External Clock Source
External Burst
Dimming from divided
DIM CLK input
Conventional
Floating or VDD_A/2
VDD_A
Analog Dimming
Conventional
Floating or VDD_A/2
GND
Analog Dimming
Reverse
GND
VDD_A
Internal Burst
Dimming from divided
Run Frequency
Conventional
GND
GND
Internal Burst
Dimming from Divided
Run Frequency
Reverse
* Conventional polarity means that the lamp brightness increases with increasing voltage on the BRITE_IN pin.
Reverse polarity means that brightness decreases with increasing voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com