Electronic Components Datasheet Search
  English  ▼

X  

M74HC245 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M74HC245
Description  OCTAL BUS TRANSCEIVER WITH 3 STATE OUTPUTS (NON INVERTED)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC245 Datasheet(HTML) 1 Page - STMicroelectronics

  M74HC245 Datasheet HTML 1Page - STMicroelectronics M74HC245 Datasheet HTML 2Page - STMicroelectronics M74HC245 Datasheet HTML 3Page - STMicroelectronics M74HC245 Datasheet HTML 4Page - STMicroelectronics M74HC245 Datasheet HTML 5Page - STMicroelectronics M74HC245 Datasheet HTML 6Page - STMicroelectronics M74HC245 Datasheet HTML 7Page - STMicroelectronics M74HC245 Datasheet HTML 8Page - STMicroelectronics M74HC245 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1/10
July 2001
s
HIGH SPEED:
tPD = 10ns (TYP.) at VCC = 6V
s
LOW POWER DISSIPATION:
ICC = 4µA(MAX.) at TA=25°C
s
HIGH NOISE IMMUNITY:
VNIH = VNIL = 28 % VCC (MIN.)
s
SYMMETRICAL OUTPUT IMPEDANCE:
|IOH| = IOL = 6mA (MIN)
s
BALANCED PROPAGATION DELAYS:
tPLH ≅ tPHL
s
WIDE OPERATING VOLTAGE RANGE:
VCC (OPR) = 2V to 6V
s
PIN AND FUNCTION COMPATIBLE WITH
74 SERIES 245
DESCRIPTION
The M74HC245 is an advanced high-speed
CMOS OCTAL BUS TRANSCEIVER (3-STATE)
fabricated with silicon gate C2MOS technology.
This IC is intended for two-way asynchronous
communication between data buses, and the
direction of data transmission is determined by
DIR input. The enable input G can be used to
disable the device so that the buses are effectively
isolated.
All inputs are equipped with protection circuits
against static discharge and transient excess
voltage.
All floating bus terminals during High Z State must
be held HIGH or LOW.
M74HC245
OCTAL BUS TRANSCEIVER
WITH 3 STATE OUTPUTS (NON INVERTED)
PIN CONNECTION AND IEC LOGIC SYMBOLS
ORDER CODES
PACKAGE
TUBE
T & R
DIP
M74HC245B1R
SOP
M74HC245M1R
M74HC245RM13TR
TSSOP
M74HC245TTR
TSSOP
DIP
SOP


Similar Part No. - M74HC245

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HC240 STMICROELECTRONICS-M74HC240 Datasheet
270Kb / 12P
HC240: INVERTED - HC241/244 NON INVERTED OCTAL BUS BUFFER WITH 3 STATE OUTPUTS
Oct-1993
M74HC240 STMICROELECTRONICS-M74HC240 Datasheet
205Kb / 10P
OCTAL BUS BUFFER WITH 3 STATE OUTPUTS (INVERTED)
Jul-2001
M74HC240B1R STMICROELECTRONICS-M74HC240B1R Datasheet
270Kb / 12P
HC240: INVERTED - HC241/244 NON INVERTED OCTAL BUS BUFFER WITH 3 STATE OUTPUTS
Oct-1993
M74HC240B1R STMICROELECTRONICS-M74HC240B1R Datasheet
205Kb / 10P
OCTAL BUS BUFFER WITH 3 STATE OUTPUTS (INVERTED)
Jul-2001
M74HC240C1R STMICROELECTRONICS-M74HC240C1R Datasheet
270Kb / 12P
HC240: INVERTED - HC241/244 NON INVERTED OCTAL BUS BUFFER WITH 3 STATE OUTPUTS
Oct-1993
More results

Similar Description - M74HC245

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74AC245 STMICROELECTRONICS-74AC245 Datasheet
80Kb / 8P
OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS NON INVERTED
Apr-2001
logo
Toshiba Semiconductor
TC74LVX240F TOSHIBA-TC74LVX240F Datasheet
281Kb / 8P
OCTAL BUS BUFFER. INVERTED/NON-INVERTED 3-STATE OUTPUTS
05-Aug-1997
TC74VHC540F TOSHIBA-TC74VHC540F Datasheet
254Kb / 7P
OCTAL BUS BUFFER INVERTED/NON INVERTED, 3-STATE OUTPUTS
06-Aug-1997
TC74VHCT240AF TOSHIBA-TC74VHCT240AF Datasheet
256Kb / 6P
OCTAL BUS BUFFER INVERTED/NON-INVERTED, 3-STATE OUTPUTS
06-Aug-1997
logo
STMicroelectronics
74AC245 STMICROELECTRONICS-74AC245 Datasheet
265Kb / 9P
OCTAL BUS TRANSCEIVER WITH 3 STATE OUTPUTS (NON INVERTED)
Apr-2001
M74HCT245 STMICROELECTRONICS-M74HCT245 Datasheet
258Kb / 9P
OCTAL BUS TRANSCEIVER WITH 3 STATE OUTPUTS (NON INVERTED)
Aug-2001
74ACT245 STMICROELECTRONICS-74ACT245 Datasheet
271Kb / 9P
OCTAL BUS TRANSCEIVER WITH 3 STATE OUTPUTS (NON INVERTED)
Apr-2001
logo
LG Semicon Co.,Ltd.
GD54LS245 LG-GD54LS245 Datasheet
142Kb / 3P
OCTAL BUS TRANSCEIVER; NON-INVERTED 3-STATE OUTPUTS
logo
STMicroelectronics
M54HC245 STMICROELECTRONICS-M54HC245_04 Datasheet
164Kb / 10P
RAD-HARD OCTAL BUS TRANSCEIVER WITH 3 STATE OUTPUTS (NON INVERTED)
Apr-2004
M54HCT245 STMICROELECTRONICS-M54HCT245_04 Datasheet
234Kb / 10P
RAD HARD OCTAL BUS TRANSCEIVER WITH 3 STATE OUTPUTS (NON INVERTED)
15-Jun-2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com