Electronic Components Datasheet Search
  English  ▼

X  

2SA0885 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # 2SA0885
Description  For low-frequency power amplification
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SA0885 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  2SA0885 Datasheet HTML 1Page - Panasonic Semiconductor 2SA0885 Datasheet HTML 2Page - Panasonic Semiconductor 2SA0885 Datasheet HTML 3Page - Panasonic Semiconductor 2SA0885 Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2SA0885
2
SJD00002BED
VCE(sat)  IC
VBE(sat)  IC
hFE  IC
PC  Ta
IC  VCE
IC  IB
fT  IE
Cob  VCB
VCER  RBE
0
6
5
4
3
2
1
0
200
40
80
160
120
(1)With a 100
× 100 × 2 mm
Al heat sink
(2)Without heat sink
(1)
(2)
Ambient temperature T
a (°C)
0
−1.50
−1.25
−1.00
−0.75
−0.50
−0.25
0
−10
−2
−4
−8
−6
TC=25˚C
IB=–10mA
–1mA
–2mA
–3mA
–4mA
–5mA
–6mA
–9mA
–8mA
–7mA
Collector-emitter voltage V
CE (V)
0
–1.2
–1.0
–0.8
–0.6
–0.4
–0.2
0–12
–2
–10
–4
–8
–6
VCE=–10V
TC=25˚C
Base current I
B (mA)
–0.01
–0.01
–0.1
–1
–10
–0.1
–1
IC/IB=10
TC=100˚C
25˚C
–25˚C
Collector current I
C (A)
–0.01
–0.01
–0.1
–1
–1
–0.1
–10
IC/IB=10
TC=–25˚C
25˚C
100˚C
Collector current I
C (A)
–0.01
–0.1
–1
1
1 000
100
10
VCE=–10V
TC=100˚C
25˚C
–25˚C
Collector current I
C (A)
1
10
100
0
40
80
120
200
160
VCB=–10V
f=200MHz
TC=25˚C
Emitter current I
E (mA)
–1
–10
–100
0
50
40
30
20
10
IE=0
f=1MHz
TC=25˚C
Collector-base voltage V
CB (V)
0.1
1
10
100
0
–20
–40
–60
–80
–100
IC=–10mA
TC=25˚C
Base-emitter resistance R
BE (kΩ)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com