Electronic Components Datasheet Search
  English  ▼

X  

2SA886 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # 2SA886
Description  Silicon PNP epitaxial planar type
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SA886 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  2SA886 Datasheet HTML 1Page - Panasonic Semiconductor 2SA886 Datasheet HTML 2Page - Panasonic Semiconductor 2SA886 Datasheet HTML 3Page - Panasonic Semiconductor 2SA886 Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2SA0886
2
SJD00003BED
VBE(sat)  IC
hFE  IC
fT  IE
PC  Ta
IC  VCE
VCE(sat)  IC
Cob  VCB
VCER  RBE
ICEO  Ta
0
160
40
120
80
0
1.6
1.2
0.8
0.4
Ambient temperature T
a (°C)
0
–10
–2
–4
–8
–6
0
–4.0
–3.5
–3.0
–2.5
–2.0
–1.5
–1.0
–0.5
TC=25˚C
IB=–40mA
–5mA
–10mA
–15mA
–20mA
–25mA
–30mA
–35mA
Collector-emitter voltage V
CE (V)
–0.01
–0.01
–0.1
–1
–10
–0.1
–1
IC/IB=10
TC=100˚C
25˚C
–25˚C
Collector current I
C (A)
–0.01
–0.01
–1
–0.1
–0.1
–1
–10
TC=–25˚C
25˚C
100˚C
IC/IB=10
Collector current I
C (A)
–0.01
–1
–0.1
1
10
100
1000
VCE=–5V
TC=100˚C
25˚C
–25˚C
Collector current I
C (A)
0.01
0.1
1
10
0
240
200
160
120
80
40
Emitter current I
E (A)
VCB=–5V
f=200MHz
TC=25˚C
–1
–10
–100
0
20
40
60
80
100
120
140
IE=0
f=1MHz
TC=25˚C
Collector-base voltage V
CB (V)
0
–60
–50
–40
–30
–20
–10
0.001
0.01
0.1
1
10
TC=25˚C
Base-emitter resistance R
BE (kΩ)
1
1000
100
10
0
120
20
100
40
80
60
Ambient temperature T
a (°C)
VCE=–12V



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com