Electronic Components Datasheet Search
  English  ▼

X  

2SD1633 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # 2SD1633
Description  Silicon NPN triple diffusion planar type darlington
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SD1633 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  2SD1633 Datasheet HTML 1Page - Panasonic Semiconductor 2SD1633 Datasheet HTML 2Page - Panasonic Semiconductor 2SD1633 Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Power Transistors
1
Publication date: March 2003
SJD00207AED
2SD1633
Silicon NPN triple diffusion planar type darlington
For voltage switching
■ Features
• High-speed switching
• Satisfactory linearity of forward current transfer ratio h
FE
• Full-pack package which can be installed to the heat sink with one screw
■ Absolute Maximum Ratings T
C
= 25°C
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Collector-emitter sustaining voltage *
2
VCEO(SUS) IC = 0.2 A, L = 25 mH
100
V
Collector-base cutoff current (Emitter open)
ICBO
VCB = 100 V, IE = 0
100
µA
Collector-emitter cut-off current (Base open)
ICEO
VCE
= 100 V, I
B
= 0
100
µA
Emitter-base cutoff current (Collector open)
IEBO
VEB = 7 V, IC = 05
mA
Forward current transfer ratio *
1
hFE
VCE = 3 V, IC = 3 A
1 500
15 000
Collector-emitter saturation voltage
VCE(sat)
IC
= 3 A, I
B
= 3 mA
1.5
V
Base-emitter saturation voltage
VBE(sat)
IC = 3 A, IB = 3 mA
2.0
V
Transition frequency
fT
VCE = 10 V, IC = 1 A, f = 1 MHz
15
MHz
Turn-on time
ton
IC
= 3 A, I
B1
= 3 mA, I
B2
= −3 mA
3
µs
Storage time
tstg
VCC = 50 V
5
µs
Fall time
tf
3
µs
■ Electrical Characteristics T
C = 25°C ± 3°C
Unit: mm
Parameter
Symbol
Rating
Unit
Collector-base voltage (Emitter open)
VCBO
100
V
Collector-emitter voltage (Base open)
VCEO
100
V
Emitter-base voltage (Collector open)
VEBO
7V
Collector current
IC
5A
Peak collector current
ICP
8A
Base current
IB
0.5
A
Collector power dissipation
PC
30
W
Ta
= 25°C
2.0
Junction temperature
Tj
150
°C
Storage temperature
Tstg
−55 to +150
°C
Note) 1. Measuring methods are based on JAPANESE INDUSTRIAL STANDARD JIS C 7030 measuring methods for transistors.
2. *1: Rank classification
*2: VCEO(SUS) test circuit
10.0±0.2
5.5±0.2
0.5
+0.2
–0.1
1.4±0.1
1.3±0.2
0.8±0.1
2.54±0.3
5.08±0.5
2
13
2.7±0.2
4.2±0.2
φ 3.1±0.1
1: Base
2: Collector
3: Emitter
EIAJ: SC-67
TO-220F-A1 Package
Internal Connection
B
C
E
X
L
15 V
6 V
1
Ω
120
Ω
Y
G
50 Hz/60 Hz
mercury relay
Rank
Q
P
hFE
1 500 to 6 000 5 000 to 15 000


Similar Part No. - 2SD1633

ManufacturerPart #DatasheetDescription
logo
Savantic, Inc.
2SD1633 SAVANTIC-2SD1633 Datasheet
113Kb / 3P
Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
2SD1633 ISC-2SD1633 Datasheet
142Kb / 3P
Silicon NPN Power Transistors
logo
Savantic, Inc.
2SD1633 SAVANTIC-2SD1633 Datasheet
114Kb / 3P
Silicon NPN Power Transistors
More results

Similar Description - 2SD1633

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SD1262 PANASONIC-2SD1262 Datasheet
64Kb / 2P
Silicon NPN triple diffusion planar type Darlington
2SD1748 PANASONIC-2SD1748 Datasheet
65Kb / 2P
Silicon NPN triple diffusion planar type Darlington
2SD1750 PANASONIC-2SD1750 Datasheet
64Kb / 2P
Silicon NPN triple diffusion planar type Darlington
2SD2215 PANASONIC-2SD2215 Datasheet
49Kb / 2P
Silicon NPN triple diffusion planar type(Silicon NPN triple diffusion planar type)
2SC3496 PANASONIC-2SC3496 Datasheet
98Kb / 4P
Silicon NPN triple diffusion planar type
22SC5405 PANASONIC-22SC5405 Datasheet
37Kb / 2P
Silicon NPN triple diffusion planar type
2SC3870 PANASONIC-2SC3870 Datasheet
59Kb / 3P
Silicon NPN triple diffusion planar type
logo
Guangdong Kexin Industr...
2SD1611 KEXIN-2SD1611 Datasheet
43Kb / 2P
Silicon NPN Triple Diffusion Planar Type Darlington
logo
Panasonic Semiconductor
2SD1890 PANASONIC-2SD1890 Datasheet
57Kb / 3P
Silicon NPN triple diffusion planar type Darlington
2SD1264A-P PANASONIC-2SD1264A-P Datasheet
208Kb / 3P
Silicon NPN triple diffusion planar type
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com