Electronic Components Datasheet Search
  English  ▼

X  

93L34DMQB Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 93L34DMQB
Description  8-Bit Addressable Latch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

93L34DMQB Datasheet(HTML) 2 Page - National Semiconductor (TI)

  93L34DMQB Datasheet HTML 1Page - National Semiconductor (TI) 93L34DMQB Datasheet HTML 2Page - National Semiconductor (TI) 93L34DMQB Datasheet HTML 3Page - National Semiconductor (TI) 93L34DMQB Datasheet HTML 4Page - National Semiconductor (TI) 93L34DMQB Datasheet HTML 5Page - National Semiconductor (TI) 93L34DMQB Datasheet HTML 6Page - National Semiconductor (TI) 93L34DMQB Datasheet HTML 7Page - National Semiconductor (TI) 93L34DMQB Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Absolute Maximum Ratings (Note)
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Supply Voltage
7V
Input Voltage
55V
Operating Free Air Temperature Range
Military
b
55 Cto a125 C
Storage Temperature Range
b
65 Cto a150 C
Note
The ‘‘Absolute Maximum Ratings’’ are those values
beyond which the safety of the device cannot be guaran-
teed The device should not be operated at these limits The
parametric values defined in the ‘‘Electrical Characteristics’’
table are not guaranteed at the absolute maximum ratings
The ‘‘Recommended Operating Conditions’’ table will define
the conditions for actual device operation
Recommended Operating Conditions
Symbol
Parameter
93L34 (Mil)
Units
Min
Nom
Max
VCC
Supply Voltage
45
5
55
V
VIH
High Level Input Voltage
2
V
VIL
Low Level Input Voltage
07
V
IOH
High Level Output Voltage
b
400
m
A
IOL
Low Level Output Current
48
mA
TA
Free Air Operating Temperature
b
55
125
C
ts (H)
Setup Time HIGH D to E
45
ns
th (H)
Hold Time HIGH D to E
b
5ns
ts (L)
Setup Time LOW D to E
45
ns
th (L)
Hold Time LOW D to E
b
7ns
ts (H)
Setup Time HIGH or LOW
10
ns
ts (L)
An to E
10
tw (L)
E Pulse Width LOW
26
ns
tw (L)
CL Pulse Width LOW
35
ns
Electrical Characteristics over recommended operating free air temperature range (unless otherwise noted)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
(Note 1)
VI
Input Clamp Voltage
VCC
Min II
b
10 mA
b
15
V
VOH
High Level Output Voltage
VCC
Min IOH
Max
24
V
VIL
Max VIH
Min
VOL
Low Level Output Voltage
VCC
Min IOL
Max
03
V
VIH
Min VIL
Max
II
Input Current
Max
VCC
Max VI
55V
1mA
Input Voltage
IIH
High Level Input Current
VCC
Max VI
24V
Inputs
20
m
A
E
30
IIL
Low Level Input Current
VCC
Max VI
03V
Inputs
b
04
mA
E
b
06
IOS
Short Circuit
VCC
Max (Note 2)
b
25
b
25
mA
Output Current
ICC
Supply Current
VCC
Max (Note 3)
21
mA
Note 1
All typicals are at VCC
5V TA
25 C
Note 2
Not more than one output should be shorted at a time and the duration should not exceed one second
Note 3
ICC is measured with all outputs open and all inputs grounded
2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com