Electronic Components Datasheet Search
  English  ▼

X  

DAC0808LCM Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DAC0808LCM
Description  8-Bit D/A Converters
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DAC0808LCM Datasheet(HTML) 4 Page - National Semiconductor (TI)

  DAC0808LCM Datasheet HTML 1Page - National Semiconductor (TI) DAC0808LCM Datasheet HTML 2Page - National Semiconductor (TI) DAC0808LCM Datasheet HTML 3Page - National Semiconductor (TI) DAC0808LCM Datasheet HTML 4Page - National Semiconductor (TI) DAC0808LCM Datasheet HTML 5Page - National Semiconductor (TI) DAC0808LCM Datasheet HTML 6Page - National Semiconductor (TI) DAC0808LCM Datasheet HTML 7Page - National Semiconductor (TI) DAC0808LCM Datasheet HTML 8Page - National Semiconductor (TI) DAC0808LCM Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Typical Performance Characteristics
VCC
5V VEE
b
15V TA
25 C unless otherwise noted
Logic Input Current vs
Input Voltage
Bit Transfer Characteristics
Logic Threshold Voltage vs
Temperature
Output Current vs Output
Voltage (Output Voltage
Compliance)
Output Voltage Compliance
vs Temperature
Typical Power Supply
Current vs Temperature
Typical Power Supply
Current vs VEE
Typical Power Supply
Current vs VCC
Reference Input
Frequency Response
Unless otherwise specified R14
R15
1kX C
15 pF pin 16 to
VEE RL
50X pin 4 to ground
Curve A
Large Signal Bandwidth
Method of
Figure 7 VREF
2 Vp-p
offset 1 V above ground
Curve B
Small Signal Bandwidth
Method of
Figure 7 RL
250X VREF
50 mVp-p offset 200 mV above
ground
Curve C
Large and Small Signal
Bandwidth Method of
Figure 9 (no op
amp RL
50X) RS
50X VREF
2V VS
100 mVp-p centered at 0V
TLH5687 5
4



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com