Electronic Components Datasheet Search
  English  ▼

X  

DS1678 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS1678
Description  TRI-STATEÉ TTL to MOS Multiplexers/Drivers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS1678 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  DS1678 Datasheet HTML 1Page - National Semiconductor (TI) DS1678 Datasheet HTML 2Page - National Semiconductor (TI) DS1678 Datasheet HTML 3Page - National Semiconductor (TI) DS1678 Datasheet HTML 4Page - National Semiconductor (TI) DS1678 Datasheet HTML 5Page - National Semiconductor (TI) DS1678 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Absolute Maximum Ratings (Note 1)
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Supply Voltage
7V
Logical ‘‘1’’ Input Voltage
7V
Logical ‘‘0’’ Input Voltage
b
15V
Storage Temperature Range
b
65 Cto a150 C
Maximum Power Dissipation at 25 C
Cavity Package
1433 mW
Molded Package
1362 mW
Lead Temperature
(Soldering 10 seconds)
300 C
Derate cavity package 96 mW C above 25 C derate molded package
109 mW C above 25 C
Operating Conditions
Min
Max
Units
Supply Voltage (VCC)
45
55
V
Temperature (TA)
DS1648 DS1678
b
55
a
125
C
DS3648 DS3678
0
a
70
C
Electrical Characteristics (Notes 2 and 3)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VIN(1)
Logical ‘‘1’’ Input Voltage
20
V
VIN(0)
Logical ‘‘0’’ Input Voltage
08
V
IIN(1)
Logical ‘‘1’’ Input Current
VCC
55V VIN
55V
01
40
m
A
IIN(0)
Logical ‘‘0’’ Input Current
VCC
55V VIN
05V
b
50
b
250
m
A
VCLAMP
Input Clamp Voltage
VCC
45V IIN
b
18 mA
b
075
b
12
V
VOH
Logical ‘‘1’’ Output Voltage
VCC
45V IOH
b
10 mA
DS1648DS1678
27
36
V
(No Load)
DS3648DS3678
28
36
V
VOL
Logical ‘‘0’’ Output Voltage
VCC
45V IOL
10 mA
DS1648DS1678
025
04
V
(No Load)
DS3648DS3678
025
035
V
VOH
Logical ‘‘1’’ Output Voltage
VCC
45V IOH
b
10 mA
DS1648
24
35
V
(With Load)
DS1678
25
35
V
DS3648
26
35
V
DS3678
27
35
V
VOL
Logical ‘‘0’’ Output Voltage
VCC
45V IOL
20 mA
DS1648
06
11
V
(With Load)
DS1678
04
05
V
DS3648
06
10
V
DS3678
04
05
V
I1D
Logical ‘‘1’’ Drive Current
VCC
45V VOUT
0V (Note 4)
b
250
mA
I0D
Logical ‘‘0’’ Drive Current
VCC
45V VOUT
45V (Note 4)
150
mA
IHi-Z
TRI-STATE Output Current
VOUT
04V to 24V Output Control
20V
b
40
40
m
A
ICC
Power Supply Current
VCC
55V
Output Control
3V
42
60
mA
All Other Inputs at 0V
All Inputs at 0V
20
32
mA
Note 1
‘‘Absolute Maximum Ratings’’ are those values beyond which the safety of the device cannot be guaranteed Except for ‘‘Operating Temperature Range’’
they are not meant to imply that the devices should be operated at these limits The table of ‘‘Electrical Characteristics’’ provides conditions for actual device
operation
Note 2
Unless otherwise specified minmax limits apply across the
55 Cto a125 C temperature range for the DS1648 and DS1678 and across the 0 Cto
a
70 C range for the DS3648 and DS3678 All typical values for TA
25 C and VCC
5V
Note 3
All currents into device pins shown as positive out of device pins as negative all voltages referenced to ground unless otherwise noted All values shown
as max or min on absolute value basis
Note 4
When measuring output drive current and switching response for the DS1678 and DS3678 a 15X resistor should be placed in series with each output This
resistor is internal to the DS1648DS3648 and need not be added
2



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com