Electronic Components Datasheet Search
  English  ▼

X  

CMS06 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # CMS06
Description  TOSHIBA Schottky Barrier Rectifier Schottky Barrier Type
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

CMS06 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  CMS06 Datasheet HTML 1Page - Toshiba Semiconductor CMS06 Datasheet HTML 2Page - Toshiba Semiconductor CMS06 Datasheet HTML 3Page - Toshiba Semiconductor CMS06 Datasheet HTML 4Page - Toshiba Semiconductor CMS06 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
CMS06
2003-02-17
1
TOSHIBA Schottky Barrier Rectifier Schottky Barrier Type
CMS06
Switching Mode Power Supply Applications
Portable Equipment Battery Applications
· Forward voltage: VFM = 0.37 V (max)
· Average forward current: IF (AV) = 2.0 A
· Repetitive peak reverse voltage: VRRM = 30 V
· Suitable for compact assembly due to small surface-mount package
“M−FLATTM” (Toshiba package name)
Maximum Ratings (Ta
==== 25°C)
Characteristics
Symbol
Rating
Unit
Repetitive peak reverse voltage
VRRM
30
V
Average forward current
IF (AV)
2.0
(Note)
A
Peak one cycle surge forward current
(non-repetitive)
IFSM
40 (50 Hz)
A
Junction temperature
Tj
-40~125
°C
Storage temperature
Tstg
-40~150
°C
Note: Tℓ
= 82.8°C: Rectangular waveform (a = 180°C), VR = 15 V
Electrical Characteristics (Ta
==== 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
VFM (1)
IFM = 0.5 A
¾
0.26
¾
VFM (2)
IFM = 1.0 A
¾
0.28
¾
Peak forward voltage
VFM (3)
IFM = 2.0 A
¾
0.32
0.37
V
IRRM
VRRM = 5 V
¾
0.09
¾
Repetitive peak reverse current
IRRM
VRRM = 30 V
¾
1.4
3.0
mA
Junction capacitance
Cj
VR = 10 V, f = 1.0 MHz
¾
130
¾
pF
Device mounted on a ceramic board
(soldering land: 2 mm
´ 2 mm)
¾
¾
60
Thermal resistance
Rth (j-a)
Device mounted on a glass-epoxy
board
(soldering land: 6 mm
´ 6 mm)
¾
¾
135
°C/W
Thermal resistance
Rth (j-ℓ)
¾
¾
¾
16
°C/W
Unit: mm
JEDEC
―
JEITA
―
TOSHIBA
3-4E1A
Weight: 0.023 g (typ.)


Similar Part No. - CMS06

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
CMS06 TOSHIBA-CMS06 Datasheet
156Kb / 5P
Switching Mode Power Supply Applications
logo
Nisshinbo Micro Devices...
CMS06 NISSHINBO-CMS06 Datasheet
2Mb / 63P
1.2 A, 30 V Step-Down DC/DC Converter
logo
Comchip Technology
CMS06P10V8-HF COMCHIP-CMS06P10V8-HF Datasheet
547Kb / 6P
MOSFET
REV:A
logo
Toshiba Semiconductor
CMS06 TOSHIBA-CMS06_06 Datasheet
156Kb / 5P
Switching Mode Power Supply Applications
CMS06 TOSHIBA-CMS06_13 Datasheet
168Kb / 5P
TOSHIBA Schottky Barrier Rectifier Schottky Barrier Type
More results

Similar Description - CMS06

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
U3FWK42 TOSHIBA-U3FWK42 Datasheet
141Kb / 4P
TOSHIBA SCHOTTKY BARRIER RECTIFIER SCHOTTKY BARRIER TYPE
U1FWJ44M TOSHIBA-U1FWJ44M Datasheet
152Kb / 4P
TOSHIBA SCHOTTKY BARRIER RECTIFIER SCHOTTKY BARRIER TYPE
CMS03 TOSHIBA-CMS03 Datasheet
129Kb / 5P
TOSHIBA Schottky Barrier Rectifier Schottky Barrier Type
17-Feb-2003
CMS04 TOSHIBA-CMS04_13 Datasheet
176Kb / 5P
TOSHIBA Schottky Barrier Rectifier Schottky Barrier Type
CMS05 TOSHIBA-CMS05_13 Datasheet
169Kb / 5P
TOSHIBA Schottky Barrier Rectifier Schottky Barrier Type
CRS01 TOSHIBA-CRS01_13 Datasheet
188Kb / 5P
TOSHIBA Schottky Barrier Rectifier Schottky Barrier Type
CRS10I30A TOSHIBA-CRS10I30A Datasheet
197Kb / 6P
TOSHIBA Schottky Barrier Rectifier Schottky Barrier Type
CRS15I30A TOSHIBA-CRS15I30A Datasheet
178Kb / 6P
TOSHIBA Schottky Barrier Rectifier Schottky Barrier Type
CRS20I30A TOSHIBA-CRS20I30A Datasheet
175Kb / 6P
TOSHIBA Schottky Barrier Rectifier Schottky Barrier Type
CMS08 TOSHIBA-CMS08 Datasheet
122Kb / 5P
TOSHIBA Schottky Barrier Rectifier Schottky Barrier Type
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com