Electronic Components Datasheet Search
  English  ▼

X  

MAS3587F Datasheet(PDF) 10 Page - Micronas

Part # MAS3587F
Description  Audio Encoder/Decoder
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MAS3587F Datasheet(HTML) 10 Page - Micronas

Back Button MAS3587F Datasheet HTML 6Page - Micronas MAS3587F Datasheet HTML 7Page - Micronas MAS3587F Datasheet HTML 8Page - Micronas MAS3587F Datasheet HTML 9Page - Micronas MAS3587F Datasheet HTML 10Page - Micronas MAS3587F Datasheet HTML 11Page - Micronas MAS3587F Datasheet HTML 12Page - Micronas MAS3587F Datasheet HTML 13Page - Micronas MAS3587F Datasheet HTML 14Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 82 page
background image
MAS 3587F
ADVANCE INFORMATION
10
Micronas
2.7.2.2. Balance and Volume
To minimize quantization noise, the main volume con-
trol is automatically split into a digital and an analog
part. The volume range is
−114...+12 dB with an addi-
tional mute position. A balance function is provided
(see Table 3–12 on page 43).
2.7.3. D/A Converters
A pair of Micronas’ unique multibit sigma-delta D/A
converters is used to convert the audio data with high
linearity and a superior S/N. In order to attenuate high-
frequency noise caused by noise-shaping, internal
low-pass filters are included. They require additional
external capacitors between pins FILTR and OUTR,
and FILTL and OUTL respectively (see Section 4.7. on
page 79).
2.7.4. Output Amplifiers
The integrated output amplifiers are capable of driving
stereo headphones of 16...32
Ω impedance via 22-Ω
series resistors or built-in loudspeakers of 16
Ω imped-
ance directly. If more output power is required, the right
output signal can be inverted and a single loudspeaker
can be connected as a bridge between pins OUTL and
OUTR. In this case the minimum impedance is 32 W,
and for optimized power the source should be set to
mono.
Fig. 2–6: Bridge operation mode
2.8. Clock Management
The MAS 3587F is driven by a single crystal-controlled
clock with a frequency of 18.432 MHz. It is possible to
drive the MAS 3587F with other reference clocks. In
this case, the nominal crystal frequency must be writ-
ten into memory location D0:7f3. The crystal clock acts
as a reference for the embedded synthesizer that gen-
erates the internal clock.
For compressed audio data reception, the MAS 3587F
may act either as the clock master (Demand Mode) or
as a slave (Broadcast Mode) as defined by bit 1 in
IOControlMain
memory
cell
(see
Table 3–7
on
page 34). In both modes, the output of the clock syn-
thesizer depends on the sample rate of the decoded
data stream as shown in Table 2–1.
In the BROADCAST MODE (PLL on), the incoming
audio data controls the clock synthesizer via a PLL.
In the DEMAND MODE (PLL off) the MAS 3587F acts
as the system master clock, the internal clock. The
data transfer is triggered by a demand signal at pin
EOD. This mode is used in most applications.
In the encoder application, the MAS 3587F is clock
master in case of I2S audio input. For S/PDIF input, the
MAS 3587F synchronizes the clock to the incomming
S/PDIF signal.
R
≥ 32 Ω
MASF
DAC
DAC
OUTL
OUTR
Table 2–1: Settings of bits 8 and 17 in OutClkConfig
and resulting CLKO output frequencies
fs/kHz
Output Frequency at CLKO/MHz
Synth.
Clock
bit 8=1
Scaler On
bit 8=0, bit 17=0
Scaler Plus
Extra Division
bit 8=0, bit 17=1
48
24.576
512
⋅f
s
24.576
256
⋅f
s
12.288
44.1
22.5792
22.5792
11.2896
32
24.576
768
⋅f
s
24.576
384
⋅f
s
12.288
24
512
⋅f
s
12.288
256
⋅f
s
6.144
22.05
22.5792
11.2896
5.6448
16
24.576
768
⋅f
s
12.288
384
⋅f
s
6.144
12
512
⋅f
s
6.144
256
⋅f
s
3.072
11.025 22.5792
5.6448
2.8224
8
24.576
768
⋅f
s
6.144
384
⋅f
s
3.072



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com