Electronic Components Datasheet Search
  English  ▼

X  

MCP41XXX Datasheet(PDF) 6 Page - Microchip Technology

Part # MCP41XXX
Description  Single/Dual Digital Potentiometer with SPI Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP41XXX Datasheet(HTML) 6 Page - Microchip Technology

Back Button MCP41XXX Datasheet HTML 2Page - Microchip Technology MCP41XXX Datasheet HTML 3Page - Microchip Technology MCP41XXX Datasheet HTML 4Page - Microchip Technology MCP41XXX Datasheet HTML 5Page - Microchip Technology MCP41XXX Datasheet HTML 6Page - Microchip Technology MCP41XXX Datasheet HTML 7Page - Microchip Technology MCP41XXX Datasheet HTML 8Page - Microchip Technology MCP41XXX Datasheet HTML 9Page - Microchip Technology MCP41XXX Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
MCP41XXX/42XXX
DS11195C-page 6
 2003 Microchip Technology Inc.
FIGURE 1-1:
Detailed Serial interface Timing.
FIGURE 1-2:
Reset Timing.
FIGURE 1-3:
Software Shutdown Exit Timing.
CS
SCK
SI
msb in
tSU
tHD
tCSSR
tCSH
tHI tLO
tCSO
SO
tCS1
1/FCLK
tCHS
tDO
(First 16 bits out are always zeros)
VOUT
±1%
±1% Error Band
tS
RS
tS
VOUT
±1%
tRS
±1% Error Band
CS
tRSCS
Code 80h is latched
on rising edge of RS
Wiper position is changed to
mid-scale (80h) if RS is held
low for 150 ns
CS
tCSL
RS
SHDN
tSH
tRS
tSE
tSE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com