Electronic Components Datasheet Search
  English  ▼

X  

MCP606 Datasheet(PDF) 11 Page - Microchip Technology

Part # MCP606
Description  2.5V TO 5.5V MICROPOWER CMOS OP AMPS
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP606 Datasheet(HTML) 11 Page - Microchip Technology

Back Button MCP606 Datasheet HTML 7Page - Microchip Technology MCP606 Datasheet HTML 8Page - Microchip Technology MCP606 Datasheet HTML 9Page - Microchip Technology MCP606 Datasheet HTML 10Page - Microchip Technology MCP606 Datasheet HTML 11Page - Microchip Technology MCP606 Datasheet HTML 12Page - Microchip Technology MCP606 Datasheet HTML 13Page - Microchip Technology MCP606 Datasheet HTML 14Page - Microchip Technology MCP606 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
  0LFURFKLS 7HFKQRORJ\ ,QF
'6& SDJH 
0&3
7KH PD[LPXP RSHUDWLQJ FRPPRQ PRGH YROWDJH WKDW
FDQ EH DSSOLHG WR WKH LQSXWV LV 966  9 WR 9''  9
,Q FRQWUDVW WKH DEVROXWH PD[LPXP LQSXW YROWDJH LV
966  9 DQG 9'' 9 9ROWDJHV RQ WKH LQSXW WKDW
H[FHHG WKLV DEVROXWH PD[LPXP UDWLQJ FDQ FDXVH
H[FHVVLYH FXUUHQW WR IORZ LQ RU RXW RI WKH LQSXW SLQV &XU
UHQW EH\RQG“ P$ FDQ FDXVHSRVVLEOHUHOLDELOLW\ SURE
OHPV $SSOLFDWLRQV WKDW H[FHHG WKLV UDWLQJ PXVW EH
H[WHUQDOO\ OLPLWHGZLWK DQLQSXW UHVLVWRU DV VKRZQ LQ
)LJXUH 
),*85(  ,I WKH LQSXWV RI WKH DPSOLILHU H[FHHG WKH
$EVROXWH 0D[LPXP 6SHFLILFDWLRQV DQ LQSXW UHVLVWRU
5,1 VKRXOG EH XVHG WR OLPLW WKH FXUUHQW IORZ LQWR WKDW
SLQ

&DSDFLWLYH /RDG DQG 6WDELOLW\
'ULYLQJ FDSDFLWLYH ORDGV FDQ FDXVH VWDELOLW\ SUREOHPV
ZLWK PDQ\ RI WKH KLJKHU VSHHG DPSOLILHUV
)RU DQ\ FORVHG ORRS DPSOLILHU FLUFXLW D JRRG UXOH RI
WKXPE LV WR GHVLJQ IRU D SKDVH PDUJLQ WKDW LV QR OHVV
WKDQ 
S 7KLV LV D FRQVHUYDWLYH WKHRUHWLFDO YDOXH KRZ
HYHU LI WKH SKDVH PDUJLQ LV ORZHU OD\RXW SDUDVLWLFV FDQ
GHJUDGH WKH SKDVH PDUJLQ IXUWKHU FDXVLQJ D WUXO\
XQVWDEOH FLUFXLW $ V\VWHP SKDVH VKLIW RI 
S ZLOO KDYH
DQ RYHUVKRRW LQ LWV VWHS UHVSRQVH RI DSSUR[LPDWHO\

$ EXIIHU FRQILJXUDWLRQ ZLWK D FDSDFLWLYH ORDG LV WKH PRVW
GLIILFXOWFRQILJXUDWLRQIRUDQDPSOLILHU WR PDLQWDLQ VWDELO
LW\ 7KH 3KDVH YHUVXV &DSDFLWLYH /RDG RI WKH 0&3;
DPSOLILHU LV VKRZQ LQ )LJXUH  ,Q WKLV ILJXUH LW FDQ EH
VHHQWKDW WKH DPSOLILHU KDV D SKDVH PDUJLQ DERYH
S
ZKLOH GULYLQJFDSDFLWDQFH ORDGV XS WR  S)
),*85(  *DLQ %DQGZLGWK 3KDVH 0DUJLQ YV
&DSDFLWLYH/RDG
),*85(  $PSOLILHU FLUFXLWV WKDW FDQ EH XVHG
ZKHQ GULYLQJ KHDY\ FDSDFLWLYH ORDGV
,I WKH DPSOLILHU LV UHTXLUHG WR GULYH ODUJHU FDSDFLWLYH
ORDGV WKH FLUFXLW VKRZQ LQ )LJXUH  FDQ EH XVHG $
VPDOO VHULHV UHVLVWRU 5,62 DW WKH RXWSXW RI WKH DPSOLILHU
LPSURYHVWKHSKDVHPDUJLQZKHQ GULYLQJODUJHFDSDFL
WLYH ORDGV 7KLV UHVLVWRU GHFRXSOHV WKH FDSDFLWLYH ORDG
IURP WKH DPSOLILHUE\ LQWURGXFLQJ D ]HURLQWKH WUDQVIHU
IXQFWLRQ
7KLV ]HUR DGMXVWV WKH SKDVH PDUJLQ E\ DSSUR[LPDWHO\
ZKHUH
∆θP LV WKHLPSURYHPHQW LQ SKDVH PDUJLQ
*%:3 LV WKHJDLQEDQGZLGWK SURGXFW RI WKH
DPSOLILHU
5,62 LVWKH FDSDFLWLYH GHFRXSOLQJUHVLVWRU DQG
&/ LV WKH ORDG FDSDFLWDQFH
0&3;
5,1
5,1
0D[LPXP H[SHFWHG YROWDJH 9''
±
P$

5,1
966 0LQLPXP H[SHFWHG YROWDJH
±
P$

RU

9,1
9''
0&3;
5,62
9287
&/

∆θP
WDQ 
± π*%:3 5
,62
×
&/
×
()



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com