Electronic Components Datasheet Search
  English  ▼

X  

MCP3221 Datasheet(PDF) 5 Page - Microchip Technology

Part # MCP3221
Description  Low Power 12-Bit A/D Converter With I2C Interface
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3221 Datasheet(HTML) 5 Page - Microchip Technology

  MCP3221 Datasheet HTML 1Page - Microchip Technology MCP3221 Datasheet HTML 2Page - Microchip Technology MCP3221 Datasheet HTML 3Page - Microchip Technology MCP3221 Datasheet HTML 4Page - Microchip Technology MCP3221 Datasheet HTML 5Page - Microchip Technology MCP3221 Datasheet HTML 6Page - Microchip Technology MCP3221 Datasheet HTML 7Page - Microchip Technology MCP3221 Datasheet HTML 8Page - Microchip Technology MCP3221 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
 2003 Microchip Technology Inc.
DS21732B-page 5
MCP3221
2.0
TYPICAL PERFORMANCE CURVES
Note: Unless otherwise indicated, VDD = 5V, VSS = 0V, I2C Fast Mode Timing (SCL = 400 kHz), Continuous Conversion
Mode (fSAMP = 22.3 ksps), TA = +25°C.
FIGURE 2-1:
INL vs. Clock Rate.
FIGURE 2-2:
INL vs. VDD - I2C™
Standard Mode (fSCL = 100 kHz).
FIGURE 2-3:
INL vs. Code
(Representative Part).
FIGURE 2-4:
INL vs. Clock Rate
(VDD =2.7V).
FIGURE 2-5:
INL vs. VDD - I2C™ Fast
Mode (fSCL = 400 kHz).
FIGURE 2-6:
INL vs. Code
(Representative Part, VDD = 2.7V).
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1
0
100
200
300
400
I
2C Bus Rate (kHz)
Positive INL
Negative INL
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1
2.533.5
44.555.5
VDD (V)
Positive NL
Negative INL
-2
-1.5
-1
-0.5
0
0.5
1
1.5
2
0
1024
2048
3072
4096
Digital Code
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1
0
100
200
300
400
I
2C Bus Rate (kHz)
Positive INL
Negative INL
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1
2.533.5
44.555.5
VDD (V)
Positive INL
Negative NL
-2
-1.5
-1
-0.5
0
0.5
1
1.5
2
0
1024
2048
3072
4096
Digital Code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com