Electronic Components Datasheet Search
  English  ▼

X  

MCRF355 Datasheet(PDF) 13 Page - Microchip Technology

Part # MCRF355
Description  13.56 MHz Passive RFID Device with Anti-Collision Feature
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCRF355 Datasheet(HTML) 13 Page - Microchip Technology

Back Button MCRF355 Datasheet HTML 9Page - Microchip Technology MCRF355 Datasheet HTML 10Page - Microchip Technology MCRF355 Datasheet HTML 11Page - Microchip Technology MCRF355 Datasheet HTML 12Page - Microchip Technology MCRF355 Datasheet HTML 13Page - Microchip Technology MCRF355 Datasheet HTML 14Page - Microchip Technology MCRF355 Datasheet HTML 15Page - Microchip Technology MCRF355 Datasheet HTML 16Page - Microchip Technology MCRF355 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
 2002 Microchip Technology Inc.
DS21287F page 13
MCRF355/360
PACKAGING INFORMATION
8.1
Package Marking Information
XXXXXXXX
XXXXXNNN
YYWW
8-Lead PDIP (300 mil)
Example:
8-Lead SOIC (150 mil)
Example:
XXXXXXXX
XXXXYYWW
NNN
MCRF355
XXXXXNNN
0025
Legend:
XX...X
Customer specific information*
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line thus limiting the number of available characters
for customer specific information.
*
Standard device marking consists of Microchip part number, year code, week code, and traceability
code.
MCRF355
XXX0025
NNN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com