Electronic Components Datasheet Search
  English  ▼

X  

MM54HC11 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # MM54HC11
Description  Triple 3-Input AND Gate
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MM54HC11 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  MM54HC11 Datasheet HTML 1Page - National Semiconductor (TI) MM54HC11 Datasheet HTML 2Page - National Semiconductor (TI) MM54HC11 Datasheet HTML 3Page - National Semiconductor (TI) MM54HC11 Datasheet HTML 4Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
AC Electrical Characteristics VCC 5V TA 25 C CL 15 pF tr tf 6ns
Symbol
Parameter
Conditions
Typ
Guaranteed
Units
Limit
tPHL tPLH
Maximum Propagation
12
20
ns
Delay
AC Electrical Characteristics
VCC 20V to 60V CL 50 pF tr tf 6 ns (unless otherwise specified)
TA 25 C
74HC
54HC
Symbol
Parameter
Conditions
VCC
TA b40 to 85 CTA b55 to 125 C
Units
Typ
Guaranteed Limits
tPHL tPLH
Maximum Propagation
20V
48
125
156
190
ns
Delay
45V
18
25
31
38
ns
60V
15
21
27
31
ns
tTLH tTHL
Maximum Output Rise
20V
30
75
95
110
ns
and Fall Time
45V
8
15
19
22
ns
60V
7
13
16
19
ns
CPD
Power Dissipation
(per gate)
35
pF
Capacitance (Note 5)
CIN
Maximum Input
5
10
10
10
pF
Capacitance
Note 5
CPD determines the no load dynamic power consumption PD CPD VCC2 faICC VCC and the no load dynamic current consumption IS CPD VCC faICC
3



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com