Electronic Components Datasheet Search
  English  ▼

X  

MM5480 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # MM5480
Description  LED Display Driver
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MM5480 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  MM5480 Datasheet HTML 1Page - National Semiconductor (TI) MM5480 Datasheet HTML 2Page - National Semiconductor (TI) MM5480 Datasheet HTML 3Page - National Semiconductor (TI) MM5480 Datasheet HTML 4Page - National Semiconductor (TI) MM5480 Datasheet HTML 5Page - National Semiconductor (TI) MM5480 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Functional Description
The MM5480 is specifically designed to operate 3
-digit
alphanumeric displays with minimal interface with the dis-
play and the data source Serial data transfer from the data
source to the display driver is accomplished with 2 signals
serial data and clock Using a format of a leading ‘‘1’’ fol-
lowed by the 35 data bits allows data transfer without an
additional load signal The 35 data bits are latched after the
36th bit is complete thus providing non-multiplexed direct
drive to the display Outputs change only if the serial data
bits differ from the previous time Display brightness is de-
termined by control of the output current for LED displays A
0001 mF ceramic or mica disc capacitor should be connect-
ed to brightness control pin 13 to prevent possible oscilla-
tions
A block diagram is shown in
Figure 1 The output current is
typically 20 times greater than the current into pin 13 which
is set by an external variable resistor There is an internal
limiting resistor of 400X nominal value
Figure 4 shows the input data format A start bit of logical
‘‘1’’ precedes the 35 bits of data At the 36th clock a LOAD
signal is generated synchronously with the high state of the
clock which loads the 35 bits of the shift registers into the
latches At the low state of the clock a RESET signal is
generated which clears all the shift registers for the next set
of data The shift registers are static master-slave configura-
tion There is no clear for the master portion of the first shift
register thus allowing continuous operation
There must be a complete set of 36 clocks or the shift regis-
ters will not clear
When the chip first powers ON an internal power ON reset
signal is generated which resets all registers and all latches
The START bit and the first clock return the chip to its nor-
mal operation
Figure 5 shows the Output Data Format for the 5480 Be-
cause it uses only 23 of the possible 35 outputs 12 of the
bits are ‘Don’t Cares’
Figure 3 shows the timing relationships between data and
clock A maximum clock frequency of 05 MHz is assumed
For applications where a lesser number of outputs are used
it is possible to either increase the current per output or
operate the part at higher than 1V VOUT The following
equation can be used for calculations
Tj
(VOUT)(ILED) (No of segments) (iJA) a TA
where
Tj
junction temperature 150 C max
VOUT
the voltage at the LED driver outputs
ILED
the LED current
iJA
thermal coefficient of the package
TA
ambient temperature
iJA (Socket Mount)
58 CW
iJA (Board Mount)
52 CW
TLF6138 3
FIGURE 3
TLF6138 4
FIGURE 4 Input Data Format
START 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 5451
START X 1 2 3 4 5 6 7 X X X 8 9 10 11 X X X X 12 13 14 15 16 17 X 18 X X 19 20 21 22 23 X 5480
FIGURE 5 Output Data Format
3



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com