Electronic Components Datasheet Search
  English  ▼

X  

CX12 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # CX12
Description  COAXIAL PROTECTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CX12 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  CX12 Datasheet HTML 1Page - List of Unclassifed Manufacturers CX12 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.protekdevices.com
2
05017.R2 7/02
CX12
and
CX12LC
DEVICE CHARACTERISTICS
MAXIMUM RATINGS @ 25°C
INSTALLATION
The CX12 series is designed with a female BNC type connector on both ends for
easy installation. Disconnect the video or data line from the sensitive equipment.
Insert the CX12 in the line near the AC power outlet of the equipment to be
protected.
Install a cable in between the CX12 and the equipment to be pro-
tected. Attach a ground wire between the case of the CX12 and the equipment AC
power ground, or to the coax shield as required.
Peak Operating Line Voltage (V OP )
Operating Line Current (I O )
Maximum Transient Voltage
Maximum Transient Current
Maximum Leakage Current
CX12 Frequency Responce -3 dB
CX12LC Frequency Responce -3 dB
Operating & Storage Temperature
Response Time
±12 V
200mA
20kV
3000A (8/20µs)
5µA
@ 30MHz
@ 200MHz
-40° to +85°C
< 10 ns
ELECTRICAL CHARACTERISTICS @ 25°C
PROTEK
PART
NUMBER
MAXIMUM
CLAMPING
VOLTAGE
*
Line-Ground
500A @ 8/20 ms
V
C
VOLTS
TYPICAL
CAPACITANCE
@ 0 V, 1 MHz
C
pF
MAXIMUM
LINE
THRUPUT
RESISTANCE
R
OHMS
CX12
CX12LC
24
28
3
10
200
25
* Other Voltages Available Consult Factory
EQUIPMENT
1.21”
(30.73 mm)
1.10”
(27.94 mm)
1.40”
(35.56 mm)
1.10”
(27.54 mm)
0.72”
(18.29 mm)
0.15”
(3.81mm)
2.25”
(57.15 mm)
0.72”
(18.29 mm)
Frequency Responce CX12
Frequency Responce CX12LC



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com