Electronic Components Datasheet Search
  English  ▼

X  

ST2L05R1825PS Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST2L05R1825PS
Description  VERY LOW QUIESCENT CURRENT DUAL VOLTAGE REGULATOR
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST2L05R1825PS Datasheet(HTML) 1 Page - STMicroelectronics

  ST2L05R1825PS Datasheet HTML 1Page - STMicroelectronics ST2L05R1825PS Datasheet HTML 2Page - STMicroelectronics ST2L05R1825PS Datasheet HTML 3Page - STMicroelectronics ST2L05R1825PS Datasheet HTML 4Page - STMicroelectronics ST2L05R1825PS Datasheet HTML 5Page - STMicroelectronics ST2L05R1825PS Datasheet HTML 6Page - STMicroelectronics ST2L05R1825PS Datasheet HTML 7Page - STMicroelectronics ST2L05R1825PS Datasheet HTML 8Page - STMicroelectronics ST2L05R1825PS Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
1/23
December 2004
s
VO1 = 1.5, 1.8, 2.5, 2.8, 3.0, 3.3V FIXED
s
VO2 = 1.5, 1.8, 2.5, 2.8, 3.0, 3.3V FIXED OR
ADJUSTABLE FROM 1.25 TO VI - VDROP
s
GUARANTEED OUTPUT1 CURRENT: 1A
s
GUARANTEED OUTPUT2 CURRENT: 1A
s
± 2% OUTPUT TOLERANCE (AT 25°C)
s
± 3% OUTPUT TOLERANCE OVER TEMP.
s
TYPICAL DROPOUT 1.1V (IO1 = IO2 = 1A)
s
INTERNAL POWER AND THERMAL LIMIT
s
STABLE WITH LOW ESR OUTPUT
CAPACITOR
s
OPERATING TEMPERATURE RANGE:
0°C TO 125°C
s
VERY LOW QUIESCENT CURRENT: 7mA
MAX OVER TEMP.
s
AVAILABLE IN SPAK AND IN DFN 5x6mm
PACKAGE
DESCRIPTION
Specifically
designed
for
data
storage
applications, this device integrates two voltage
regulators, each one able to supply 1A and it is
assembled in SPAK and in a new 8-PIN surface
mounting package named DFN 5x6mm at 8 pins.
The first regulator block supplies 1.5V, 1.8V, 2.5V,
2.8V, 3.0V, 3.3V depending on the chosen
version. The second one may be fixed to the same
values or adjustable from 1.25V to VI - VDROP that
could
power
several
kind
of
different
micro-controllers. Both outputs are current limited
and over temperature protected. It is worth
underlining the very good thermal performance of
the packages SPAK and DFN with only 2°C/W of
Thermal
Resistance
Junction
to
Case.
Applications are HARD DISK, CD/DVD-ROM, CD/
DVD-R/RW, COMBO (DVD-ROM+CD-R/RW).
ST2L05
VERY LOW QUIESCENT CURRENT
DUAL VOLTAGE REGULATOR
Figure 1: Block Diagram Of Fixed/adj Version
DFN
SPAK-5L
Rev. 6


Similar Part No. - ST2L05R1825PS

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST2L01 STMICROELECTRONICS-ST2L01 Datasheet
378Kb / 12P
DUAL VOLTAGE REGULATOR
Mar-2002
ST2L01K5 STMICROELECTRONICS-ST2L01K5 Datasheet
378Kb / 12P
DUAL VOLTAGE REGULATOR
Mar-2002
ST2L01PT STMICROELECTRONICS-ST2L01PT Datasheet
378Kb / 12P
DUAL VOLTAGE REGULATOR
Mar-2002
More results

Similar Description - ST2L05R1825PS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA3661 PHILIPS-TDA3661 Datasheet
88Kb / 16P
Very low dropout voltage/quiescent current adjustable voltage regulator
Rev. 05-28 June 2005
TDA3662 PHILIPS-TDA3662 Datasheet
93Kb / 20P
Very low dropout voltage/quiescent current 3.0 V voltage regulator
2000 Apr 26
TDA3663 PHILIPS-TDA3663 Datasheet
89Kb / 17P
Very low dropout voltage/quiescent current 3.3 V voltage regulator
Rev. 05-13 June 2005
TDA3664 PHILIPS-TDA3664 Datasheet
88Kb / 16P
Very low dropout voltage/quiescent current 5 V voltage regulator
1999 Sep 01
TDA3665 PHILIPS-TDA3665 Datasheet
93Kb / 20P
Very low dropout voltage/quiescent current 8.5 V voltage regulator
2000 Apr 25
TDA3666 PHILIPS-TDA3666 Datasheet
93Kb / 20P
Very low dropout voltage/quiescent current 10 V voltage regulator
2000 Apr 26
TDA3663 NXP-TDA3663 Datasheet
91Kb / 15P
Very low dropout voltage/quiescent current 3.3 V voltage regulator
Rev. 06-26 June 2007
TDA3664 NXP-TDA3664 Datasheet
98Kb / 16P
Very low dropout voltage/quiescent current 5 V voltage regulator
Rev. 07-25 June 2007
logo
STMicroelectronics
ST1L02XX STMICROELECTRONICS-ST1L02XX Datasheet
422Kb / 19P
Very low quiescent BiCMOS voltage regulator
12-Mar-2008
ST1L05APU33R STMICROELECTRONICS-ST1L05APU33R Datasheet
1Mb / 30P
Very low quiescent current BiCMOS voltage regulator
05-May-2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com