Electronic Components Datasheet Search
  English  ▼

X  

ST2L05R1828PS Datasheet(PDF) 3 Page - STMicroelectronics

Part # ST2L05R1828PS
Description  VERY LOW QUIESCENT CURRENT DUAL VOLTAGE REGULATOR
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST2L05R1828PS Datasheet(HTML) 3 Page - STMicroelectronics

  ST2L05R1828PS Datasheet HTML 1Page - STMicroelectronics ST2L05R1828PS Datasheet HTML 2Page - STMicroelectronics ST2L05R1828PS Datasheet HTML 3Page - STMicroelectronics ST2L05R1828PS Datasheet HTML 4Page - STMicroelectronics ST2L05R1828PS Datasheet HTML 5Page - STMicroelectronics ST2L05R1828PS Datasheet HTML 6Page - STMicroelectronics ST2L05R1828PS Datasheet HTML 7Page - STMicroelectronics ST2L05R1828PS Datasheet HTML 8Page - STMicroelectronics ST2L05R1828PS Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
ST2L05
3/23
Table 1: Order Codes
(*) Available on request.
(1) For Tube Shipment, change "R" with "-" in the relevant ordering code, DFN is available only in Tape & Reel.
VO1
VO2
SPAK
DFN
SHIPMENT (1)
1.5 V
1.5 V
ST2L05R1515K5 (*)
ST2L05R1515PS (*)
Tape & Reel
1.5 V
1.8 V
ST2L05R1518K5 (*)
ST2L05R1518PS (*)
Tape & Reel
1.5 V
2.5 V
ST2L05R1525K5 (*)
ST2L05R1525PS (*)
Tape & Reel
1.5 V
2.8 V
ST2L05R1528K5 (*)
ST2L05R1528PS (*)
Tape & Reel
1.5 V
3.0 V
ST2L05R1530K5 (*)
ST2L05R1530PS (*)
Tape & Reel
1.5 V
3.3 V
ST2L05R1533K5 (*)
ST2L05R1533PS (*)
Tape & Reel
1.5 V
ADJ
ST2L05R1500K5 (*)
ST2L05R1500PS (*)
Tape & Reel
1.8 V
1.5 V
ST2L05R1815K5 (*)
ST2L05R1815PS (*)
Tape & Reel
1.8 V
1.8 V
ST2L05R1818K5 (*)
ST2L05R1818PS (*)
Tape & Reel
1.8 V
2.5 V
ST2L05R1825K5 (*)
ST2L05R1825PS (*)
Tape & Reel
1.8 V
2.8 V
ST2L05R1828K5 (*)
ST2L05R1828PS (*)
Tape & Reel
1.8 V
3.0 V
ST2L05R1830K5 (*)
ST2L05R1830PS (*)
Tape & Reel
1.8 V
3.3 V
ST2L05R1833K5 (*)
ST2L05R1833PS (*)
Tape & Reel
1.8 V
ADJ
ST2L05R1800K5 (*)
ST2L05R1800PS (*)
Tape & Reel
2.5 V
1.5 V
ST2L05R2515K5 (*)
ST2L05R2515PS (*)
Tape & Reel
2.5 V
1.8 V
ST2L05R2518K5 (*)
ST2L05R2518PS (*)
Tape & Reel
2.5 V
2.5 V
ST2L05R2525K5 (*)
ST2L05R2525PS (*)
Tape & Reel
2.5 V
2.8 V
ST2L05R2528K5 (*)
ST2L05R2528PS (*)
Tape & Reel
2.5 V
3.0 V
ST2L05R2530K5 (*)
ST2L05R2530PS (*)
Tape & Reel
2.5 V
3.3 V
ST2L05R2533K5 (*)
ST2L05R2533PS (*)
Tape & Reel
2.5 V
ADJ
ST2L05R2500K5 (*)
ST2L05R2500PS (*)
Tape & Reel
2.8 V
1.5 V
ST2L05R2815K5 (*)
ST2L05R2815PS (*)
Tape & Reel
2.8 V
1.8 V
ST2L05R2818K5 (*)
ST2L05R2818PS (*)
Tape & Reel
2.8 V
2.5 V
ST2L05R2825K5 (*)
ST2L05R2825PS (*)
Tape & Reel
2.8 V
2.8 V
ST2L05R2828K5 (*)
ST2L05R2828PS (*)
Tape & Reel
2.8 V
3.0 V
ST2L05R2830K5 (*)
ST2L05R2830PS (*)
Tape & Reel
2.8 V
3.3 V
ST2L05R2833K5 (*)
ST2L05R2833PS (*)
Tape & Reel
2.8 V
ADJ
ST2L05R2800K5 (*)
ST2L05R2800PS (*)
Tape & Reel
3.0 V
1.5 V
ST2L05R3015K5 (*)
ST2L05R3015PS (*)
Tape & Reel
3.0 V
1.8 V
ST2L05R3018K5 (*)
ST2L05R3018PS (*)
Tape & Reel
3.0 V
2.5 V
ST2L05R3025K5 (*)
ST2L05R3025PS (*)
Tape & Reel
3.0 V
2.8 V
ST2L05R3028K5 (*)
ST2L05R3028PS (*)
Tape & Reel
3.0 V
3.0 V
ST2L05R3030K5 (*)
ST2L05R3030PS (*)
Tape & Reel
3.0 V
3.3 V
ST2L05R3033K5 (*)
ST2L05R3033PS (*)
Tape & Reel
3.0 V
ADJ
ST2L05R3000K5 (*)
ST2L05R3000PS (*)
Tape & Reel
3.3 V
1.5 V
ST2L05R3315K5 (*)
ST2L05R3315PS (*)
Tape & Reel
3.3 V
1.8 V
ST2L05R3318K5 (*)
ST2L05R3318PS (*)
Tape & Reel
3.3 V
2.5 V
ST2L05R3325K5 (*)
ST2L05R3325PS
Tape & Reel
3.3 V
2.8 V
ST2L05R3328K5 (*)
ST2L05R3328PS (*)
Tape & Reel
3.3 V
3.0 V
ST2L05R3330K5 (*)
ST2L05R3330PS (*)
Tape & Reel
3.3 V
3.3 V
ST2L05R3333K5 (*)
ST2L05R3333PS (*)
Tape & Reel
3.3 V
ADJ
ST2L05R3300K5
ST2L05R3300PS
Tape & Reel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com