Electronic Components Datasheet Search
  English  ▼

X  

HC10 Datasheet(PDF) 1 Page - GETAI ELECTRONICS DEVICE CO., LTD

Part # HC10
Description  1.0A 10kV-- Glass Passivated Rectifier Assembly
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GETEDZ [GETAI ELECTRONICS DEVICE CO., LTD]
Direct Link  http://www.hvgtsemi.com
Logo GETEDZ - GETAI ELECTRONICS DEVICE CO., LTD

HC10 Datasheet(HTML) 1 Page - GETAI ELECTRONICS DEVICE CO., LTD

  HC10_17 Datasheet HTML 1Page - GETAI ELECTRONICS DEVICE CO., LTD HC10_17 Datasheet HTML 2Page - GETAI ELECTRONICS DEVICE CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
HC10
1.0A 10kV-- Glass Passivated Rectifier Assembly
GETE ELECTRONIC CO.,LTD
Http://www.getedz.com
Http://www.hvgtsemi.com E-mai: sales@getedz.com
GETAI ELECTRONIC DEVICE CO.,LTD TEL:0086-20-8184 9628
FAX:0086-20-8184 9638
2016 1 / 2
MAXIMUM RATINGS AND CHARACTERISTICS: (Absolute Maximum Ratings)
Items
Symbols
Condition
Data Value Units
Repetitive Peak Renerse Voltage
VRRM
Ta=25°C;
10
kV
Average Output Current
IF
Ta=55°C;Resistive Load
1000
mA
Suege Current
IFSM
Ta=25°C;8.3 mS
50
A
Junction Temperature
TJ
-40~+125
°C
Allowable Operation Case Temperature
Tc
125
°C
Storage Temperature
TSTG
-40~+125
°C
ELECTRICAL CHARACTERISTICS: Ta=25°C (Unless otherwise specified)
Items
Symbols
Condition
Data value Units
Maximum Forward Voltage Drop
VF
at 25°C;IF =IF(AV)
9.0
V
Maximum Reverse Current
IR1
at 25°C;VR =VRRM
0.5
uA
IR2
at 100°C;VR =VRRM
50
uA
Maximum Reverse Recovery Time
TRR
at 25°C; IF=0.5IR; IR=IFAVM; IRR=0.25IR
--
nS
Junction Capacitance
CJ
at 25°C; VR=0V; f=1MHz
--
pF
HVGT High voltage silicon rectifier is made
of high quality glass passivated chip and high
reliability epoxy resin sealing structure, and
through professional testing equipment inspection
qualified after to customers.
SHAPE DISPLAY:
SIZE: (Unit:mm)
HVGT NAME: HVP
FEATURES:
1. High reliability design.
2. High voltage design.
3. Power frequency ratio.
4. Conform to RoHS and SGS.
5. Epoxy resin molded in vacuumHave
anticorrosion in the surface.
APPLICATIONS:
1. Ignition device power supply.
2. Microwave emission power.
3. General purpose high voltage rectifier.
MECHANICAL DATA:
1. Case: epoxy resin molding.
2. Terminal: external lead.
3. Net weight: 35 grams (approx).


Similar Part No. - HC10_17

ManufacturerPart #DatasheetDescription
logo
SHANTOU HUASHAN ELECTRO...
HC1061 HUASHAN-HC1061 Datasheet
132Kb / 2P
NPN SILICON TRANSISTOR
logo
GETAI ELECTRONICS DEVIC...
HC10 GETEDZ-HC10_16 Datasheet
161Kb / 1P
10kV 1.0A HIGH VOLTAGE DIODES
More results

Similar Description - HC10_17

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
1N4001G DIODES-1N4001G Datasheet
60Kb / 2P
1.0A GLASS PASSIVATED RECTIFIER
DS29002 Rev. D-2
D1G DIODES-D1G Datasheet
59Kb / 2P
1.0A GLASS PASSIVATED RECTIFIER
DS29001 Rev. A-2
D1G DIODES-D1G_1 Datasheet
350Kb / 3P
1.0A GLASS PASSIVATED RECTIFIER
DS29001 Rev. 3 - 2
1N4001G DIODES-1N4001G_1 Datasheet
84Kb / 3P
1.0A GLASS PASSIVATED RECTIFIER
DS29002 Rev. 6 - 2
logo
TAITRON Components Inco...
RL101G TAITRON-RL101G Datasheet
188Kb / 5P
1.0A Glass Passivated Rectifier
logo
Diodes Incorporated
1N4001G DIODES-1N4001G_2 Datasheet
62Kb / 3P
1.0A GLASS PASSIVATED RECTIFIER
DS29002 Rev. 7 - 2
1N4001G DIODES-1N4001G_12 Datasheet
95Kb / 3P
1.0A GLASS PASSIVATED RECTIFIER
Rev erse
logo
GETAI ELECTRONICS DEVIC...
HC05 GETEDZ-HC05_17 Datasheet
529Kb / 2P
1.0A 5.0kV-- Glass Passivated Rectifier Assembly
HC08 GETEDZ-HC08_17 Datasheet
529Kb / 2P
1.0A 8.0kV-- Glass Passivated Rectifier Assembly
logo
Zibo Seno Electronic En...
1A1G ZSELEC-1A1G Datasheet
91Kb / 2P
1.0A GLASS PASSIVATED RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com