Electronic Components Datasheet Search
  English  ▼

X  

HC14 Datasheet(PDF) 1 Page - GETAI ELECTRONICS DEVICE CO., LTD

Part # HC14
Description  0.7A 14kV-- Glass Passivated Rectifier Assembly
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GETEDZ [GETAI ELECTRONICS DEVICE CO., LTD]
Direct Link  http://www.hvgtsemi.com
Logo GETEDZ - GETAI ELECTRONICS DEVICE CO., LTD

HC14 Datasheet(HTML) 1 Page - GETAI ELECTRONICS DEVICE CO., LTD

  HC14_17 Datasheet HTML 1Page - GETAI ELECTRONICS DEVICE CO., LTD HC14_17 Datasheet HTML 2Page - GETAI ELECTRONICS DEVICE CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
HC14
0.7A 14kV-- Glass Passivated Rectifier Assembly
GETE ELECTRONIC CO.,LTD
Http://www.getedz.com
Http://www.hvgtsemi.com E-mai: sales@getedz.com
GETAI ELECTRONIC DEVICE CO.,LTD TEL:0086-20-8184 9628
FAX:0086-20-8184 9638
2016 1 / 2
MAXIMUM RATINGS AND CHARACTERISTICS: (Absolute Maximum Ratings)
Items
Symbols
Condition
Data Value Units
Repetitive Peak Renerse Voltage
VRRM
Ta=25°C;
14
kV
Average Output Current
IF
Ta=55°C;Resistive Load
700
mA
Suege Current
IFSM
Ta=25°C;8.3 mS
50
A
Junction Temperature
TJ
-40~+125
°C
Allowable Operation Case Temperature
Tc
125
°C
Storage Temperature
TSTG
-40~+125
°C
ELECTRICAL CHARACTERISTICS: Ta=25°C (Unless otherwise specified)
Items
Symbols
Condition
Data value Units
Maximum Forward Voltage Drop
VF
at 25°C;IF =IF(AV)
12.5
V
Maximum Reverse Current
IR1
at 25°C;VR =VRRM
0.5
uA
IR2
at 100°C;VR =VRRM
50
uA
Maximum Reverse Recovery Time
TRR
at 25°C; IF=0.5IR; IR=IFAVM; IRR=0.25IR
--
nS
Junction Capacitance
CJ
at 25°C; VR=0V; f=1MHz
--
pF
HVGT High voltage silicon rectifier is made
of high quality glass passivated chip and high
reliability epoxy resin sealing structure, and
through professional testing equipment inspection
qualified after to customers.
SHAPE DISPLAY:
SIZE: (Unit:mm)
HVGT NAME: HVP
FEATURES:
1. High reliability design.
2. High voltage design.
3. Power frequency ratio.
4. Conform to RoHS and SGS.
5. Epoxy resin molded in vacuumHave
anticorrosion in the surface.
APPLICATIONS:
1. Ignition device power supply.
2. Microwave emission power.
3. General purpose high voltage rectifier.
MECHANICAL DATA:
1. Case: epoxy resin molding.
2. Terminal: external lead.
3. Net weight: 35 grams (approx).


Similar Part No. - HC14_17

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HC14117 ETC1-HC14117 Datasheet
153Kb / 2P
Breake Away Header .025(0.64mm) Square Posts
HC14217 ETC1-HC14217 Datasheet
153Kb / 2P
Breake Away Header .025(0.64mm) Square Posts
HC14317 ETC1-HC14317 Datasheet
153Kb / 2P
Breake Away Header .025(0.64mm) Square Posts
More results

Similar Description - HC14_17

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1N4001G ETC-1N4001G Datasheet
143Kb / 2P
GLASS PASSIVATED RECTIFIER
logo
Gulf Semiconductor
1S2G GULFSEMI-1S2G Datasheet
67Kb / 2P
ULTRAFAST EFFICIENT GLASS PASSIVATED RECTIFIER VOLTAGE: 200 TO 400V CURRENT: 0.7A
EG1AE GULFSEMI-EG1AE Datasheet
86Kb / 2P
GLASS PASSIVATED JUNCTION RECTIFIER VOLTAGE竊?0 TO 1000V CURRENT竊?0.7A
logo
GETAI ELECTRONICS DEVIC...
HC16 GETEDZ-HC16_17 Datasheet
529Kb / 2P
0.7A 16kV-- Glass Passivated Rectifier Assembly
HC20 GETEDZ-HC20_17 Datasheet
529Kb / 2P
0.6A 20kV-- Glass Passivated Rectifier Assembly
HC05 GETEDZ-HC05_17 Datasheet
529Kb / 2P
1.0A 5.0kV-- Glass Passivated Rectifier Assembly
HC08 GETEDZ-HC08_17 Datasheet
529Kb / 2P
1.0A 8.0kV-- Glass Passivated Rectifier Assembly
HC10 GETEDZ-HC10_17 Datasheet
529Kb / 2P
1.0A 10kV-- Glass Passivated Rectifier Assembly
HC12 GETEDZ-HC12_17 Datasheet
528Kb / 2P
0.8A 12kV-- Glass Passivated Rectifier Assembly
HC15 GETEDZ-HC15_17 Datasheet
529Kb / 2P
0.7A 15kV-- Glass Passivated Rectifier Assembly
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com