Electronic Components Datasheet Search
  English  ▼

X  

MB05F Datasheet(PDF) 1 Page - HY ELECTRONIC CORP.

Part # MB05F
Description  GLASS PASSIVATED 3 PHASE BRIDGE RECTIFIERS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HY [HY ELECTRONIC CORP.]
Direct Link  http://www.hygroup.com.tw
Logo HY - HY ELECTRONIC CORP.

MB05F Datasheet(HTML) 1 Page - HY ELECTRONIC CORP.

  MB05F Datasheet HTML 1Page - HY ELECTRONIC CORP. MB05F Datasheet HTML 2Page - HY ELECTRONIC CORP. MB05F Datasheet HTML 3Page - HY ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FEATURES
●Glass passivated die construction
●
Low forward voltage drop
●
High current capability
●
High surge current capability
●
Designed for surface mount application
●
Plastic material-UL flammability 94V-0
MECHANICAL DATA
●
Case: MB-F, molded plastic
●
Terminals: plated leads solderable per MIL-STD-202,
Method 208
●
Polarity: as marked on case
●
Mounting position :Any
●
Marking: type number
●
Lead Free: For RoHS / Lead Free Version
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25℃ ambient temperature unless otherwise specified.
Single phase, half wave ,60Hz, resistive or inductive load.
For capacitive load, derate current by 20%
CHARACTERISTICS
SYMBOL MB05F
MB1F
MB2F
MB4F
MB6F
MB8F
MB10F
UNIT
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
V
Maximum Average Forward
Rectified Current (Note 1)
@TA=40 ℃
Peak Forward Surge Current
8.3ms Single Half Sine-Wave
Super Imposed on Rated Load(JEDEC Method)
Peak Forward Voltage at 0.8A DC
VF
V
Maximum DC Reverse Current
@TJ=25℃
at Rated DC Bolcking Voltage
@TJ=125℃
Typical Junction Capacitance Per Element (Note2)
CJ
pF
RθJA
RθJL
Operating Temperature Range
TJ
℃
Storage Temperature Range
TSTG
℃
4.The typical data above is for reference only(典型值仅供参考).
Rev. 2, 16-Mar-2017
Typical Thermal Resistance (Note3)
16
MB05F thru MB10F
GLASS PASSIVATED
BRIDGE RECTIFIERS
IFSM
A
Dimensions in inches and (millimeters)
0.8
REVERSE VOLTAGE - 50 to 1000 Volts
FORWARD CURRENT - 0.8 Ampere
μA
A
I(AV)
IR
30
1.1
5.0
500
3.Thermal resistance junction to case.
NOTES:1.Mounted on P.C. board.
2.Measured at1.0MHz and applied reverse voltage of 4.0V DC.
-55 to +150
13
℃
/W
60
-55 to +150
MBF
.032(0.8)
.020(0.5)
.008(0.2)
.043(1.1)
.028(0.7)
.014(0.35)
.006(0.15)
.106(2.7)
.090(2.3)
.195(4.95)
.177(4.50)
-
+
~
~


Similar Part No. - MB05F

ManufacturerPart #DatasheetDescription
logo
PACELEADER INDUSTRIAL
MB05F PACELEADER-MB05F Datasheet
241Kb / 2P
Miniature Glass Passivated Single-Phase Surface Mount Flat Bridge Rectifier
logo
Shenzhen Ping Sheng Ele...
MB05F PFS-MB05F Datasheet
588Kb / 2P
Low Profile Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifier
logo
Shenzhen Luguang Electr...
MB05F LUGUANG-MB05F Datasheet
183Kb / 2P
Silicon Bridge Rectifiers
logo
Formosa MS
MB05F FORMOSA-MB05F Datasheet
197Kb / 2P
0.8A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Guangdong Juxing Electr...
MB05F JUXING-MB05F Datasheet
940Kb / 2P
Miniature Glas Passivated Single-Phase
More results

Similar Description - MB05F

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
KBP3005G HY-KBP3005G Datasheet
143Kb / 3P
GLASS PASSIVATED 3 PHASE BRIDGE RECTIFIERS
SBR3500GW HY-SBR3500GW Datasheet
155Kb / 3P
GLASS PASSIVATED 3 PHASE BRIDGE RECTIFIERS
SBR3508G HY-SBR3508G Datasheet
152Kb / 3P
GLASS PASSIVATED 3 PHASE BRIDGE RECTIFIERS
SH50VB80 HY-SH50VB80 Datasheet
133Kb / 2P
GLASS PASSIVATED 3 PHASE BRIDGE RECTIFIERS
SBR5000G HY-SBR5000G Datasheet
179Kb / 3P
GLASS PASSIVATED 3 PHASE BRIDGE RECTIFIERS
logo
Comchip Technology
SC35VB160-G COMCHIP-SC35VB160-G Datasheet
187Kb / 2P
Glass Passivated 3 Phase Bridge Rectifiers
logo
HY ELECTRONIC CORP.
SBR35GW HY-SBR35GW Datasheet
363Kb / 3P
Glass Passivated 3 Phase Bridge Rectifiers
SC50VB80 HY-SC50VB80_V01 Datasheet
361Kb / 3P
Glass Passivated 3 Phase Bridge Rectifiers
SH50VBW HY-SH50VBW Datasheet
341Kb / 3P
Glass Passivated 3 Phase Bridge Rectifiers
SMT50GW HY-SMT50GW Datasheet
376Kb / 3P
Glass Passivated 3 Phase Bridge Rectifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com