Electronic Components Datasheet Search
  English  ▼

X  

DS1094LU Datasheet(PDF) 1 Page - Dallas Semiconductor

Part # DS1094LU
Description  Multiphase Spread-Spectrum EconOscillator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1094LU Datasheet(HTML) 1 Page - Dallas Semiconductor

  DS1094LU Datasheet HTML 1Page - Dallas Semiconductor DS1094LU Datasheet HTML 2Page - Dallas Semiconductor DS1094LU Datasheet HTML 3Page - Dallas Semiconductor DS1094LU Datasheet HTML 4Page - Dallas Semiconductor DS1094LU Datasheet HTML 5Page - Dallas Semiconductor DS1094LU Datasheet HTML 6Page - Dallas Semiconductor DS1094LU Datasheet HTML 7Page - Dallas Semiconductor DS1094LU Datasheet HTML 8Page - Dallas Semiconductor DS1094LU Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
General Description
The DS1094L is a silicon oscillator that generates four
multiphase, spread-spectrum, square-wave outputs.
Frequencies between 2MHz and 31.25kHz can be out-
put in either two, three, or four-phase mode. The inter-
nal master oscillator can be dithered by either 0, 2, 4,
or 8% to reduce the amount of peak spectral energy at
the fundamental and harmonic clock frequencies. This
significantly reduces the amount of electromagnetic
interference (EMI) radiation that is generated at the sys-
tem level. The DS1094L is ideally suited as a clock gen-
erator for switched-mode power supplies. The outputs
generated by the DS1094L are used by DC-DC circuit-
ry to efficiently shift voltages either up or down. The
DS1094L can be programmed using the I2C™-compati-
ble, 2-wire serial interface to select the output frequen-
cy, number of clock phases, and dither rate, or
optionally it can be shipped from the factory custom
programmed.
Applications
Switch-Mode Power Supplies
Servers
Printers
Automotive Telematics and Infotainment
Features
♦ EconOscillator™ with Two, Three, or Four Phase
Outputs
♦ Ideally Suited as the Clock Generator for Switch-
Mode Power Supplies
♦ Output Frequencies Programmable from 2MHz to
31.25kHz
♦ Dithered Output Significantly Reduces EMI
Emissions
♦ No External Timing Components Required
♦ Nonvolatile (NV) Configuration Settings
♦ User-Programmable—Factory Programmed
Options Available
♦ Operating Temperature Range: -40°C to +85°C
Multiphase Spread-Spectrum EconOscillator
______________________________________________ Maxim Integrated Products
1
OUT4
OUT3
GND
1
2
8
7
SCL
SDA
OUT2
VCC
OUT1
µSOP
TOP VIEW
3
4
6
5
DS1094L
Pin Configuration
Ordering Information
VOUT
VIN
PHASE 1
PHASE 2
PHASE 3
DC-DC
STEP-DOWN
CONVERTER
OUT1
OUT2
OUT3
OUT4
GND
SCL
SDA
VCC
VCC
DS1094L
RPULLUP
THREE-PHASE
EXAMPLE WITH
DITHERED CLOCKS TO
REDUCE EMI
DC-DC
STEP-DOWN
CONVERTER
DC-DC
STEP-DOWN
CONVERTER
Typical Operating Circuit
Rev 1; 5/04
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
PART
TEMP RANGE
PIN-PACKAGE
DS1094LU
-40
°C to +85°C
8
µSOP
EconOscillator is a trademark of Dallas Semiconductor.
I2C is a trademark of Philips Corp. Purchase of I2C compo-
nents of Maxim Integrated Products, Inc., or one of its subli-
censed Associated Companies, conveys a license under the
Philips I2C Patent Rights to use these components in an I2C
system, provided that the system conforms to the I2C Standard
Specification as defined by Philips.


Similar Part No. - DS1094LU

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1094LU MAXIM-DS1094LU Datasheet
496Kb / 12P
Multiphase Spread-Spectrum EconOscillator
19-7628; Rev 2; 5/15
More results

Similar Description - DS1094LU

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1086 DALLAS-DS1086 Datasheet
229Kb / 14P
DS1086 Spread-Spectrum EconOscillator
DS1087L DALLAS-DS1087L Datasheet
154Kb / 12P
3.3V Spread-Spectrum EconOscillator
logo
Maxim Integrated Produc...
DS1086L MAXIM-DS1086L Datasheet
266Kb / 16P
3.3V Spread-Spectrum EconOscillator
Rev 0; 11/03
DS1086L MAXIM-DS1086L_07 Datasheet
225Kb / 16P
3.3V Spread-Spectrum EconOscillator
Rev 1; 9/07
DS1090 MAXIM-DS1090_07 Datasheet
202Kb / 8P
Low-Frequency, Spread-Spectrum EconOscillator
Rev 1; 2/07
DS1086_1203 MAXIM-DS1086_1203 Datasheet
200Kb / 15P
Spread-Spectrum EconOscillator
Rev 2; 3/12
DS1086L_1203 MAXIM-DS1086L_1203 Datasheet
237Kb / 17P
3.3V Spread-Spectrum EconOscillator
Rev 2; 3/12
DS1087L MAXIM-DS1087L Datasheet
160Kb / 12P
3.3V Spread-Spectrum EconOscillator
Rev 1; 11/03
DS1090 MAXIM-DS1090_V01 Datasheet
479Kb / 9P
Low-Frequency, Spread-Spectrum EconOscillator
19-7500; Rev 3; 9/16
DS1094L MAXIM-DS1094L Datasheet
496Kb / 12P
Multiphase Spread-Spectrum EconOscillator
19-7628; Rev 2; 5/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com