Electronic Components Datasheet Search
  English  ▼

X  

SMM4FXXA Datasheet(PDF) 5 Page - STMicroelectronics

Part # SMM4FXXA
Description  Unidirectional type
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SMM4FXXA Datasheet(HTML) 5 Page - STMicroelectronics

  SMM4FXXA Datasheet HTML 1Page - STMicroelectronics SMM4FXXA Datasheet HTML 2Page - STMicroelectronics SMM4FXXA Datasheet HTML 3Page - STMicroelectronics SMM4FXXA Datasheet HTML 4Page - STMicroelectronics SMM4FXXA Datasheet HTML 5Page - STMicroelectronics SMM4FXXA Datasheet HTML 6Page - STMicroelectronics SMM4FXXA Datasheet HTML 7Page - STMicroelectronics SMM4FXXA Datasheet HTML 8Page - STMicroelectronics SMM4FXXA Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
SMM4FxxA
Characteristics
DocID14250 Rev 4
5/12
Figure 9: Thermal resistance junction to ambient
versus copper surface under each lead
(printed circuit board FR4, eCu
= 35 μm)
Figure 10: Leakage current versus junction
temperature (typical values)
40
60
80
100
120
140
160
180
200
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
R th(j-a) (°C/W)
S
(cm²)
CU
1.E-01
1.E+00
1.E+01
1.E+02
1.E+03
1.E+04
25
50
75
100
125
150
175
V
R = VRM
V
BR ≤11.7 V
V
BR >11.7 V
T (°C)
j
I (nA)
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com