Electronic Components Datasheet Search
  English  ▼

X  

STW81200TR Datasheet(PDF) 33 Page - STMicroelectronics

Part # STW81200TR
Description  Wideband RF PLL fractional/integer frequency synthesizer with integrated VCOs and LDOs
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW81200TR Datasheet(HTML) 33 Page - STMicroelectronics

Back Button STW81200TR Datasheet HTML 29Page - STMicroelectronics STW81200TR Datasheet HTML 30Page - STMicroelectronics STW81200TR Datasheet HTML 31Page - STMicroelectronics STW81200TR Datasheet HTML 32Page - STMicroelectronics STW81200TR Datasheet HTML 33Page - STMicroelectronics STW81200TR Datasheet HTML 34Page - STMicroelectronics STW81200TR Datasheet HTML 35Page - STMicroelectronics STW81200TR Datasheet HTML 36Page - STMicroelectronics STW81200TR Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 58 page
background image
DocID025943 Rev 7
33/58
STW81200
Circuit description
57
The Data bits are stored in the internal shift register on the rising edge of SCK.
The first bit, CO is used for mode selection (0=Write Operation, 1=Read Operation). The bit
A[3:0] represents the register address, and D[26:0] are the data bits.
In some registers, the first data bit D26 is used (when set to ‘1’) for double-buffering
purposes. In this case the register content is stored in a temporary buffer and is transferred
to the internal register once a write operation is done on the master register ST0.
Figure 32. SPI timing diagram
Table 10. SPI timings
Parameter
Comments
Min
Typ
Max
Unit
Tsetup
data to clock setup time
4-
-
ns
Thold
data to clock hold time
1-
-
ns
Tck
clock cycle period
20
-
-
ns
Tdi
disable pulse width
4-
-
ns
Tcd
clock-to-disable time
1-
-
ns
Tec
enable-to-clock time
3-
-
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com