Electronic Components Datasheet Search
  English  ▼

X  

202 Datasheet(PDF) 1 Page - Alpha Wire

Part # 202
Description  M12-A Female 4 Pin Field Attachable
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

202 Datasheet(HTML) 1 Page - Alpha Wire

  202 Datasheet HTML 1Page - Alpha Wire 202 Datasheet HTML 2Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
• • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • •
Alpha Wire | 711 Lidgerwood Ave, Elizabeth, NJ 07207
www.alphawire.com | 1-800-52 ALPHA
1
Customer Specification
PART NO: 202 Series
M12-A Female 4 Pin Field Attachable
Drawing
Technical Data
Part Number
Cable Diameter Range
202AR7
0.118" – 0.256" (3.0 – 6.5 mm/SW 15)
202AR9
0.157" – 0.315" (4.0 – 8.0 mm/SW 19)
Mechanical
Housing
PBT
Insert
PBT
Shell
Copper Alloy, Nickel Plated
Contact
Copper Alloy, Gold Plated
O-Ring
FKM
Connection
Screw Terminal
Max AWG
20 (0.75mm2)
Electrical
Contact Resistance
≤ 5 mΩ
Nom. Current @ 40°C
4 A
Nominal Voltage
240 V
Rated Voltage
250 V
Test Voltage
2.0 kV eff./60 s
Insulation Resistance
> 109 Ω
UL File
E485156


Similar Part No. - 202

ManufacturerPart #DatasheetDescription
logo
Littelfuse
202 LITTELFUSE-202 Datasheet
40Kb / 1P
FLAT-PAK Fast Acting Fuse202 Series
logo
Marl International Limi...
202 MARL-202 Datasheet
273Kb / 5P
Direct replacement for French Style T1 Midget Flange SX3s
logo
Vishay Siliconix
202 VISHAY-202 Datasheet
116Kb / 4P
1 3/4" (44.5 mm) Single Turn Wirewound Precision Potentiometer
07-Dec-2018
logo
France Joint
202 FRANCEJOINT-202 Datasheet
365Kb / 2P
ROD SEALS
logo
Ashcroft, Inc.
202 ASHCROFT-202 Datasheet
670Kb / 5P
102/103, 202/203, 302/303 Flanged Diaphragm Seal
RevD_02-17-21
More results

Similar Description - 202

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
200 ALPHAWIRE-200 Datasheet
194Kb / 2P
M12-A Female 4 Pin Field Attachable
201 ALPHAWIRE-201 Datasheet
194Kb / 2P
M12-A Male 4 Pin Field Attachable
203 ALPHAWIRE-203 Datasheet
195Kb / 2P
M12-A Female 5 Pin Field Attachable
204 ALPHAWIRE-204 Datasheet
217Kb / 2P
M12-A Female 90 Degree 4 Pin Field Attachable
205 ALPHAWIRE-205 Datasheet
216Kb / 2P
M12-A Female 90 Degree 5 Pin Field Attachable
206 ALPHAWIRE-206 Datasheet
211Kb / 2P
M12-A Male 4 Pin Field Attachable
207 ALPHAWIRE-207 Datasheet
212Kb / 2P
M12-A Male 5 Pin Field Attachable
208 ALPHAWIRE-208 Datasheet
211Kb / 2P
M12-A Male 90 Degree 4 Pin Field Attachable
209 ALPHAWIRE-209 Datasheet
211Kb / 2P
M12-A Male 90 Degree 5 Pin Field Attachable
211 ALPHAWIRE-211 Datasheet
178Kb / 2P
M8 Female 4 Pin Field Attachable
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com