Electronic Components Datasheet Search
  English  ▼

X  

210 Datasheet(PDF) 1 Page - Alpha Wire

Part # 210
Description  M8 Female 3 Pin Field Attachable
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

210 Datasheet(HTML) 1 Page - Alpha Wire

  210 Datasheet HTML 1Page - Alpha Wire 210 Datasheet HTML 2Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
• • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • •
Alpha Wire | 711 Lidgerwood Ave, Elizabeth, NJ 07207
www.alphawire.com | 1-800-52 ALPHA
1
Customer Specification
PART NO: 210 Series
M8 Female 3 Pin Field Attachable
Drawing
Technical Data
Part Number
Cable Diameter Range
210GR
0.138" – 0.197" (3.5 – 5.0 mm)
Mechanical
Housing
Polyamide
Insert
Polyurethane
Shell
Copper Alloy, Nickel Plated
Contact
Copper Alloy, Gold Plated
O-Ring
FKM
Connection
Screw Terminal
Conductor AWG Range
26 (0.14 mm2) to 20 (0.75mm2)
Electrical
Contact Resistance
≤ 5 mΩ
Nom. Current @ 40°C
4 A


Similar Part No. - 210

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
210 CTS-210 Datasheet
602Kb / 2P
AUTO-DIP짰 Switch Automatically Insertable, Wave Solderable, Board Washable DIP Switch
logo
Marl International Limi...
210 MARL-210 Datasheet
290Kb / 5P
Direct replacement for T3 쩌 Midget Edison Screw E10
logo
Abbatron All Rights Res...
210 ABBATRON-210 Datasheet
4Mb / 60P
Premier Supplier of Electronic Hardware
logo
Keystone Electronics Co...
210 KEYSTONE-210 Datasheet
527Kb / 1P
BATTERY CONTACTS FOR MOLDED CASES
31-07 20th
logo
Ohmite Mfg. Co.
210 OHMITE-210 Datasheet
260Kb / 2P
Dividohm® Vitreous Enamel Adjustable Power
More results

Similar Description - 210

ManufacturerPart #DatasheetDescription
logo
SHIELD s.r.l.
REJF00310070 SHIELD-REJF00310070 Datasheet
137Kb / 2P
M8, field attachable, angled
logo
Alpha Wire
202 ALPHAWIRE-202 Datasheet
195Kb / 2P
M12-A Female 4 Pin Field Attachable
211 ALPHAWIRE-211 Datasheet
178Kb / 2P
M8 Female 4 Pin Field Attachable
212 ALPHAWIRE-212 Datasheet
199Kb / 2P
M8 Male 3 Pin Field Attachable
213 ALPHAWIRE-213 Datasheet
200Kb / 2P
M8 Male 4 Pin Field Attachable
214 ALPHAWIRE-214 Datasheet
179Kb / 2P
M8 Male 3 Pin Field Attachable
215 ALPHAWIRE-215 Datasheet
179Kb / 2P
M8 Male 4 Pin Field Attachable
216 ALPHAWIRE-216 Datasheet
135Kb / 2P
Mini 7/8" Female 3 Pin Field Attachable
logo
Lumberg
RSMCK-4 LUMBERG-RSMCK-4 Datasheet
414Kb / 2P
M8 Field Attachable Connectors
logo
Molex Electronics Ltd.
1200910024 MOLEX-1200910024 Datasheet
42Kb / 1P
Nano-Change (M8) Field Attachable Connector, 3 Poles, Straight, Female
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com