Electronic Components Datasheet Search
  English  ▼

X  

DS7833J Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS7833J
Description  Quad TRI-STATE Bus Transceivers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS7833J Datasheet(HTML) 2 Page - National Semiconductor (TI)

  DS7833J Datasheet HTML 1Page - National Semiconductor (TI) DS7833J Datasheet HTML 2Page - National Semiconductor (TI) DS7833J Datasheet HTML 3Page - National Semiconductor (TI) DS7833J Datasheet HTML 4Page - National Semiconductor (TI) DS7833J Datasheet HTML 5Page - National Semiconductor (TI) DS7833J Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Absolute Maximum Ratings (Note 1)
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Supply Voltage
70V
Input Voltage
55V
Output Voltage
55V
Storage Temperature
b
65 Cto a150 C
Maximum Power Dissipation at 25 C
Cavity Package
1509 mW
Molded Package
1476 mW
Lead Temperature (Soldering 4 sec)
260 C
Derate cavity package 101 mW C above 25 C derate molded package
118 mW C above 25 C
Operating Conditions
Min
Max
Units
Supply Voltage VCC
DS7833DS7835
45
55
V
DS8833DS8835
475
525
V
Temperature (TA)
DS7833DS7835
b
55
a
125
C
DS8833DS8835
0
a
70
C
Electrical Characteristics (Notes 2 and 3)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
DISABLEDRIVER INPUT
VIH
High Level Input Voltages
VCC e Min
20
V
VIL
Low Level Input Voltage
VCC e Min
DS7833 DS8833 DS8835
08
V
DS7835
07
IIH
High Level Input Current
VCC e Max
VIN e 24V
40
m
A
VIN e 55V
10
mA
IIL
Low Level Input Current
VCC e Max VIN e 04V
b
10
b
16
mA
VCL
Input Clamp Diode
VCC e 50V IIN eb12 mA TA e 25 C
b
08
b
15
V
IIT
Driver Low Level Disabled
Driver Disable Input e 20V VIN e 04V
b
40
m
A
Input Current
RECEIVER INPUTBUS OUTPUT
VTH
High Level Threshold Voltage
DS7833 DS7835
14
175
21
V
DS8833 DS8835
15
175
20
V
VTL
Low Level Threshold Voltage
DS7833 DS7835
08
135
16
V
DS8833 DS8835
08
135
15
V
IS
Bus Current Output Disabled
VBUS e 40V
VCC e Max
25
80
m
A
or High
VCC e 0V
50
80
m
A
VCC e Max VBUS e 04V
b
20
b
40
m
A
VOH
Logic ‘‘1’’ Output Voltage
VCC e Min
IOUT eb52 mA
DS7833 DS7835
24
275
V
IOUT eb104 mA DS8833 DS8835
24
275
V
VOL
Logic ‘‘0’’ Output Voltage
VCC e Min
IOUT e 50 mA
028
05
V
IOUT e 32 mA
04
V
IOS
Output Short Circuit Current
VCC e Max (Note 4)
b
40
b
62
b
120
mA
RECEIVER OUTPUT
VOH
Logic ‘‘1’’ Output Voltage
VCC e Min
IOUT eb20 mA
DS7833 DS7835
24
30
V
IOUT eb52 mA
DS8833 DS8835
24
29
V
VOL
Logic ‘‘0’’ Output Voltage
VCC e Min IOUT e 16 mA
022
04
V
IOT
Output Disabled Current
VCC e Max Disable VOUT e 24V
40
m
A
Inputs e 20V
VOUT e 04V
b
40
m
A
http
www nationalcom
2



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com