Electronic Components Datasheet Search
  English  ▼

X  

213 Datasheet(PDF) 1 Page - Alpha Wire

Part # 213
Description  M8 Male 4 Pin Field Attachable
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

213 Datasheet(HTML) 1 Page - Alpha Wire

  213 Datasheet HTML 1Page - Alpha Wire 213 Datasheet HTML 2Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
• • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • •
Alpha Wire | 711 Lidgerwood Ave, Elizabeth, NJ 07207
www.alphawire.com | 1-800-52 ALPHA
1
Customer Specification
PART NO: 213 Series
M8 Male 4 Pin Field Attachable
Drawing
Technical Data
Part Number
Cable Diameter Range
213HR
0.138" – 0.197" (3.5 – 5.0 mm)
Mechanical
Housing
Copper Alloy, Nickel Plated
Insert
Polyamide
Shell
Copper Alloy, Nickel Plated
Contact
Copper Alloy, Gold Plated
O-Ring
FKM
Connection
Solder
Max. Conductor AWG
22 (0.34mm2)
Electrical
Contact Resistance
≤ 5 mΩ
Nom. Current @ 40°C
4 A


Similar Part No. - 213

ManufacturerPart #DatasheetDescription
logo
Littelfuse
213 LITTELFUSE-213 Datasheet
880Kb / 3P
5횞20mm time-Lag surge withstand glass body cartridge fuse designed to IEC specification
logo
3M Electronics
213 3M-213 Datasheet
53Kb / 2P
High-Temperature Masking Tape
Feb-2011
logo
Littelfuse
213 LITTELFUSE-213 Datasheet
258Kb / 4P
FUSE HOLDER SELECTION GUIDE
logo
ATGBICS by Approved Tec...
213-1002-000-C ATGBICS-213-1002-000-C Datasheet
293Kb / 8P
213-1002-000 Marconi Compatible Transceiver SFP 1000Base-SX (850nm, MMF, 550m)
213-1005-000-C ATGBICS-213-1005-000-C Datasheet
195Kb / 7P
213-1005-000 Marconi Compatible Transceiver SFP 10/100/1000Base-T (RJ45, Copper, 100m)
More results

Similar Description - 213

ManufacturerPart #DatasheetDescription
logo
SHIELD s.r.l.
REJF00310070 SHIELD-REJF00310070 Datasheet
137Kb / 2P
M8, field attachable, angled
logo
Alpha Wire
201 ALPHAWIRE-201 Datasheet
194Kb / 2P
M12-A Male 4 Pin Field Attachable
206 ALPHAWIRE-206 Datasheet
211Kb / 2P
M12-A Male 4 Pin Field Attachable
210 ALPHAWIRE-210 Datasheet
178Kb / 2P
M8 Female 3 Pin Field Attachable
211 ALPHAWIRE-211 Datasheet
178Kb / 2P
M8 Female 4 Pin Field Attachable
212 ALPHAWIRE-212 Datasheet
199Kb / 2P
M8 Male 3 Pin Field Attachable
214 ALPHAWIRE-214 Datasheet
179Kb / 2P
M8 Male 3 Pin Field Attachable
215 ALPHAWIRE-215 Datasheet
179Kb / 2P
M8 Male 4 Pin Field Attachable
logo
Lumberg
RSMCK-4 LUMBERG-RSMCK-4 Datasheet
414Kb / 2P
M8 Field Attachable Connectors
logo
Molex Electronics Ltd.
1200910025 MOLEX-1200910025 Datasheet
40Kb / 1P
Nano-Change (M8) Field Attachable Connector, 4 Poles, Straight, Male
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com