Electronic Components Datasheet Search
  English  ▼

X  

epc131 Datasheet(PDF) 10 Page - Espros Photonics corp

Part # epc131
Description  Photo-receiver Amplifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPC [Espros Photonics corp]
Direct Link  http://www.espros.ch
Logo EPC - Espros Photonics corp

epc131 Datasheet(HTML) 10 Page - Espros Photonics corp

Back Button epc131 Datasheet HTML 3Page - Espros Photonics corp epc131 Datasheet HTML 4Page - Espros Photonics corp epc131 Datasheet HTML 5Page - Espros Photonics corp epc131 Datasheet HTML 6Page - Espros Photonics corp epc131 Datasheet HTML 7Page - Espros Photonics corp epc131 Datasheet HTML 8Page - Espros Photonics corp epc131 Datasheet HTML 9Page - Espros Photonics corp epc131 Datasheet HTML 10Page - Espros Photonics corp epc131 Datasheet HTML 11Page - Espros Photonics corp  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
He
epc134/epc135/epc136/epc137/epc138/epc139
Reflow Solder Profile
For infrared or conventional soldering the solder profile has to follow the recommendations of IPC/JEDEC J-STD-020C (min. revision C) for
Pb-free assembly for both types of packages. The peak soldering temperature (TL) should not exceed +260°C for a maximum of 4 sec.
Packaging Information (all measures in mm)
Tape & Reel Information
The devices are mounted on embossed tape for automatic placement systems. The tape is wound on 178 mm (7 inch) or 330 mm (13 inch)
reels and individually packaged for shipment. General tape-and-reel specification data are available in a separate data sheet and indicate the
tape sizes for various package types. Further tape-and-reel specifications can be found in the Electronic Industries Association (EIA) standard
481-1, 481-2, 481-3.
Pin 1
Pin 1
8
2
CSP6 Tape
QFN16 Tape
Pin 1
Pin 1
8
4
CSP6 Tape
QFN16 Tape
epc does not guarantee that there are no empty cavities.
Thus, the pick-and-place machine should do check the presence of a chip during picking.
Order Information
Standard products:
Part Number
Package
RoHS compliance
Packaging Method
epc134-CSP6
CSP6
Yes
Reel
epc135-CSP6
CSP6
Yes
Reel
epc136-CSP6
CSP6
Yes
Reel
epc137-CSP6
CSP6
Yes
Reel
epc138-CSP6
CSP6
Yes
Reel
epc139-CSP6
CSP6
Yes
Reel
Note: For sampling only. Limited quantities. Please inquire.
Part Number
Package
RoHS compliance
Packaging Method
epc134-QFN16
QFN16
Yes
Reel
epc135-QFN16
QFN16
Yes
Reel
epc136-QFN16
QFN16
Yes
Reel
epc137-QFN16
QFN16
Yes
Reel
epc138-QFN16
QFN16
Yes
Reel
epc139-QFN16
QFN16
Yes
Reel
© 2014 ESPROS Photonics Corporation
Characteristics subject to change without notice
10
Datasheet_epc134-139_digital-V2.5
www.espros.ch



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com