Electronic Components Datasheet Search
  English  ▼

X  

epc135 Datasheet(PDF) 3 Page - Espros Photonics corp

Part # epc135
Description  Photo-receiver Amplifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPC [Espros Photonics corp]
Direct Link  http://www.espros.ch
Logo EPC - Espros Photonics corp

epc135 Datasheet(HTML) 3 Page - Espros Photonics corp

  epc135 Datasheet HTML 1Page - Espros Photonics corp epc135 Datasheet HTML 2Page - Espros Photonics corp epc135 Datasheet HTML 3Page - Espros Photonics corp epc135 Datasheet HTML 4Page - Espros Photonics corp epc135 Datasheet HTML 5Page - Espros Photonics corp epc135 Datasheet HTML 6Page - Espros Photonics corp epc135 Datasheet HTML 7Page - Espros Photonics corp epc135 Datasheet HTML 8Page - Espros Photonics corp epc135 Datasheet HTML 9Page - Espros Photonics corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
He
epc134/epc135/epc136/epc137/epc138/epc139
Sym-
bol
Parameter
Conditions/Comments
Values
Units
Min.
Typ.
Max.
tREC
Recovery Time
epc135
epc137
epc138
After the reception of a pulse current
(100nA<IPD<100μA) at pin PD until a next pulse can
be detected. It is to note that a higher input current
pulse may lead to a secondary output pulse and thus
a longer recovery time.
80
110
130
μs
epc134
epc136
epc139
25
tOUT
Output Pulse Width at pin
OUT
epc135
epc137
epc138
When a valid pulse at pin PD is detected.
17
22
28
μs
epc134
epc136
epc139
1.5
2.0
2.5
tPD
Input Pulse Width at pin PD
epc135
epc137
epc138
Current pulse width at pin PD necessary to generate
an output pulse at pin OUT. The input sensitivity is de-
pendent on the input current pulse width (refer to the
section Applications and Other Parameters).
6
μs
epc134
epc136
epc139
0.75
trf
Input pulse slew rate
epc135
epc137
epc138
maximum rise and fall time of the current pulse at pin
PD in order to achieve the stated sensitivity.
500
ns
epc134
epc136
epc139
50
RPD
Photodiode bias resistor
epc135
epc137
epc138
refer to section 'Application Information, Photodiode
Resistor'
27
kΩ
epc134
6.8
epc136
epc139
4.7
© 2014 ESPROS Photonics Corporation
Characteristics subject to change without notice
3
Datasheet_epc134-139_digital-V2.5
www.espros.ch



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com