Electronic Components Datasheet Search
  English  ▼

X  

217 Datasheet(PDF) 1 Page - Alpha Wire

Part # 217
Description  Mini 7/8" Female 4 Pin Field Attachable
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

217 Datasheet(HTML) 1 Page - Alpha Wire

  217 Datasheet HTML 1Page - Alpha Wire 217 Datasheet HTML 2Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
• • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • •
Alpha Wire | 711 Lidgerwood Ave, Elizabeth, NJ 07207
www.alphawire.com | 1-800-52 ALPHA
1
Customer Specification
PART NO: 217 Series
Mini 7/8" Female 4 Pin Field Attachable
Drawing
Technical Data
Part Number
Cable Diameter Range
217KR11
0.315" – 0.394" (8.0 – 10.0 mm)
217KR13
0.394" – 0.472" (10.0 – 12.0 mm)
217KR16
0.472" – 0.551" (12.0 – 14.0 mm)
217KR9
0.236" – 0.315" (6.0 – 8.0 mm)
Mechanical
Housing
Polyamide
Insert
Polyurethane
Contact
Copper Alloy, Gold Plated
Coupling Nut
Aluminum, anodized black
O-Ring
NBR
Connection
Screw Terminal
Max AWG
16 (1.5mm2)
Electrical
Contact Resistance
≤ 5 mΩ
Nom. Current @ 40°C
9 A
Nominal Voltage
240 V
Rated Voltage
250 V
Test Voltage
1.5 kV eff./60 s
Insulation Resistance
> 109 Ω
UL File
E485156 (Except 217KR9)
Environmental
Degree of Protection
IP 67/ NEMA 6P
Operating Temperature
Range
-40C (-40F)/ +90C (+194F)
CE
All materials used in the manufacture of
this part meet the requirements of
European Directive 2011/65/EU regarding


Similar Part No. - 217

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
217 MARL-217 Datasheet
284Kb / 5P
Direct replacement for E27 (European Standard)
logo
Microsemi Corporation
217 MICROSEMI-217 Datasheet
365Kb / 9P
1.5A Three Terminal Adj. Voltage Regulator
logo
Littelfuse
217 LITTELFUSE-217 Datasheet
995Kb / 4P
5횞20mm fast-acting glass body cartridge fuse designed to IEC specification
logo
List of Unclassifed Man...
217 ETC-217 Datasheet
7Mb / 21P
BOARD LEVEL POWER SEMICONDUCTOR HEAT SINKS
logo
Littelfuse
217 LITTELFUSE-217 Datasheet
258Kb / 4P
FUSE HOLDER SELECTION GUIDE
More results

Similar Description - 217

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
217KR9-NC032 ALPHAWIRE-217KR9-NC032 Datasheet
168Kb / 2P
Mini 7/8 Female 4 Pin Field Attachable
217KR11-NC032 ALPHAWIRE-217KR11-NC032 Datasheet
168Kb / 2P
Mini 7/8 Female 4 Pin Field Attachable
220LR11-NC032 ALPHAWIRE-220LR11-NC032 Datasheet
173Kb / 2P
Mini 7/8 Male 4 Pin Field Attachable
216 ALPHAWIRE-216 Datasheet
135Kb / 2P
Mini 7/8" Female 3 Pin Field Attachable
218 ALPHAWIRE-218 Datasheet
168Kb / 2P
Mini 7/8" Female 5 Pin Field Attachable
219 ALPHAWIRE-219 Datasheet
173Kb / 2P
Mini 7/8" Male 3 Pin Field Attachable
220 ALPHAWIRE-220 Datasheet
173Kb / 2P
Mini 7/8" Male 4 Pin Field Attachable
221 ALPHAWIRE-221 Datasheet
175Kb / 2P
Mini 7/8" Male 5 Pin Field Attachable
223 ALPHAWIRE-223 Datasheet
198Kb / 2P
Mini 7/8" Male Internal Threads 4 Pin Field Attachable
logo
Lumberg
RKC40-16 LUMBERG-RKC40-16 Datasheet
367Kb / 2P
Mini, 7/8 Field Attachable Connectors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com