Electronic Components Datasheet Search
  English  ▼

X  

801 Datasheet(PDF) 1 Page - Alpha Wire

Part # 801
Description  M8 Plastic Passive I/O Box
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

801 Datasheet(HTML) 1 Page - Alpha Wire

  801 Datasheet HTML 1Page - Alpha Wire 801 Datasheet HTML 2Page - Alpha Wire 801 Datasheet HTML 3Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
• • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • •
Alpha Wire | 711 Lidgerwood Ave, Elizabeth, NJ 07207
www.alphawire.com | 1-800-52 ALPHA
1
Customer Specification
PART NO: 801 Series
M8 Plastic Passive I/O Box
Dimensions
Technical Data
Box Configuration
Ports
12
LED
Yes
Housing
Black PBT
Contact
Copper Alloy, Gold Plated
Receptacle Shell
Copper Alloy, Nickel Plated
O-Ring
FKM
Electrical
Contact Resistance
≤5mΩ
Voltage Rating
10-30V DC
Current Rating
1.5A per port @ 40°C, 1.5A Max.
Insulation Resistance
>109Ω
UL File
E485582
Cable Construction
Conductor Size
14 x 0.50mm2
Outer Jacket Material
Zero Halogen PUR


Similar Part No. - 801

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
801 GILWAY-801 Datasheet
143Kb / 2P
T-1 Subminiature Lamps
logo
Littelfuse
801 LITTELFUSE-801 Datasheet
178Kb / 1P
Panel Mount for 5x20 mm und 6.3x32 mm Fuses
logo
Unisonic Technologies
801 UTC-801 Datasheet
30Kb / 2P
3/4 STRINGS Xmas LIGHT CONTROL
logo
Littelfuse
801 LITTELFUSE-801 Datasheet
566Kb / 2P
Panel Mount Enclosed Fuse Holders
10/05/23
logo
Adafruit Industries
801 ADAFRUIT-801 Datasheet
107Kb / 2P
Adafruit Prototyping Pi Plate Kit for Raspberry Pi
More results

Similar Description - 801

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
800 ALPHAWIRE-800 Datasheet
190Kb / 3P
M8 Plastic Passive I/O Box
802 ALPHAWIRE-802 Datasheet
165Kb / 2P
M8 Plastic Passive I/O Box
803 ALPHAWIRE-803 Datasheet
183Kb / 3P
M8 Plastic Passive I/O Box
804 ALPHAWIRE-804 Datasheet
175Kb / 3P
M8 Plastic Passive I/O Box
909 ALPHAWIRE-909 Datasheet
134Kb / 2P
M12?륚 Plastic Passive I/O Box
911 ALPHAWIRE-911 Datasheet
156Kb / 3P
M12?륚 Plastic Passive I/O Box
914 ALPHAWIRE-914 Datasheet
191Kb / 3P
M12?륚 Plastic Passive I/O Box
915 ALPHAWIRE-915 Datasheet
175Kb / 3P
M12?륚 Plastic Passive I/O Box
916 ALPHAWIRE-916 Datasheet
162Kb / 2P
M12?륚 Plastic Passive I/O Box
919 ALPHAWIRE-919 Datasheet
175Kb / 3P
M12?륚 Plastic Passive I/O Box
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com