Electronic Components Datasheet Search
  English  ▼

X  

2SA733 Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SA733
Description  Collector-Base Voltage: VCBO=-60V
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SA733 Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  2SA733 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2SA733 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SMD Type
ww.kexin.com.cn
2
Transistors
SMD Type
Transistors
ww
2SA733
Typical Characteristics
0
0
1
-
0
1
-
1
-
1
.
0
-
0
100
200
300
0
0
1
-
0
1
-
1
-
-10
-100
0
1
-
1
-
1
.
0
-
1
0
0
1
-
0
1
-
1
-
200
0
25
50
75
100
125
150
0
50
100
150
200
250
-0.2
-0.4
-0.6
-0.8
-1.0
-0.1
-1
-10
-100
0
0
1
-
0
1
-
1
-
-0.0
-0.4
-0.8
-1.2
-0
-2
-4
-6
-8
-10
-0
-1
-2
-3
-4
-150
f
T
—— I
C
h
FE
——
COMMON EMITTER
V
CE=-6V
-3
-30
-0.3
T
a=100
℃
T
a=25
℃
COLLECTOR CURRENT I
C
(mA)
I
C
-3
T
a=25
℃
-30
-300
-30
-0.3
COLLECTOR CURRENT I
C
(mA)
β=10
T
a=100
℃
I
C
V
CEsat
——
-500
-150
-3
20
10
3
-3
-0.3
-20
Cob
Cib
REVERSE VOLTAGE V (V)
f=1MHz
I
E=0/IC=0
T
a=25
℃
V
CB/ VEB
C
ob/ Cib
——
300
100
-3
-30
V
CE=-6V
T
a=25
℃
COLLECTOR CURRENT I
C
(mA)
T
a
AMBIENT TEMPERATURE T
a
( )
℃
P
C
——
-150
V
BE
I
C
——
-30
-3
-0.3
T
a=25
℃
T
a=100
℃
COMMON EMITTER
V
CE=-6V
BASE-EMMITER VOLTAGE V
BE (V)
-0.5
-30
-0.2
β=10
COLLECTOR CURRENT I
C
(mA)
T
a=25
℃
T
a=100
℃
-150
I
C
V
BEsat
——
Static Characteristic
COLLECTOR-EMITTER VOLTAGE V
CE
(V)
-20uA
-18uA
-16uA
-14uA
-12uA
-10uA
-8uA
-6uA
-4uA
I
B=-2uA
COMMON
EMITTER
T
a=25
℃



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com