Electronic Components Datasheet Search
  English  ▼

X  

ESDR0502B Datasheet(PDF) 2 Page - ON Semiconductor

Part # ESDR0502B
Description  Transient Voltage Suppressor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ESDR0502B Datasheet(HTML) 2 Page - ON Semiconductor

  ESDR0502B Datasheet HTML 1Page - ON Semiconductor ESDR0502B Datasheet HTML 2Page - ON Semiconductor ESDR0502B Datasheet HTML 3Page - ON Semiconductor ESDR0502B Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ESDR0502B, SZESDR0502B
www.onsemi.com
2
ELECTRICAL CHARACTERISTICS
(TA = 25°C unless otherwise noted)
Symbol
Parameter
IPP
Maximum Reverse Peak Pulse Current
VC
Clamping Voltage @ IPP
VRWM
Working Peak Reverse Voltage
IR
Maximum Reverse Leakage Current @ VRWM
VBR
Breakdown Voltage @ IT
IT
Test Current
IF
Forward Current
VF
Forward Voltage @ IF
Ppk
Peak Power Dissipation
C
Capacitance @ VR = 0 and f = 1.0 MHz
Uni−Directional TVS
IPP
IF
V
I
IR
IT
VRWM
VC VBR
VF
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted, VF = 1.1 V Max. @ IF = 10 mA for all types)
Device*
Device
Marking
VRWM
(V)
IR (mA)
@ VRWM
VBR (V)
@ IT
(Note 2)
IT
C (pF),
uni−directional
(Note 3)
C (pF),
bi−directional
(Note 4)
VC (V)
@ IPP = 1 A
(Note 5)
VC
Max
Max
Min
mA
Typ
Max
Typ
Max
Max
Per
IEC61000−
4−2
(Note 6)
ESDR0502B
AD
5.0
1.0
5.8
1.0
0.5
0.9
0.25
0.45
15
Figures 1
and 2
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
*Include SZ−prefix devices where applicable.
2. VBR is measured with a pulse test current IT at an ambient temperature of 25°C.
3. Uni−directional capacitance at f = 1 MHz, VR = 0 V, TA = 25°C (pin1 to pin 3; pin 2 to pin 3).
4. Bi−directional capacitance at f = 1 MHz, VR = 0 V, TA = 25°C (pin1 to pin 2).
5. Surge current waveform per Figure 5.
6. Typical waveform. For test procedure see Figures 3 and 4 and Application Note AND8307/D.
Figure 1. ESD Clamping Voltage Screenshot
Positive 8 kV contact per IEC 61000−4−2
Figure 2. ESD Clamping Voltage Screenshot
Negative 8 kV contact per IEC 61000−4−2



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com