Electronic Components Datasheet Search
  English  ▼

X  

ESDONCAN1 Datasheet(PDF) 3 Page - ON Semiconductor

Part # ESDONCAN1
Description  CAN/CAN-FD Bus Protector
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ESDONCAN1 Datasheet(HTML) 3 Page - ON Semiconductor

  ESDONCAN1 Datasheet HTML 1Page - ON Semiconductor ESDONCAN1 Datasheet HTML 2Page - ON Semiconductor ESDONCAN1 Datasheet HTML 3Page - ON Semiconductor ESDONCAN1 Datasheet HTML 4Page - ON Semiconductor ESDONCAN1 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
ESDONCAN1, SESDONCAN1
www.onsemi.com
3
TYPICAL PERFORMANCE CURVES
(TJ = 25°C unless otherwise noted)
Figure 1. Pulse Waveform, 8
× 20 ms
110
90
80
70
60
50
40
30
20
10
0
0
5
15
25
t, TIME (
ms)
WAVEFORM
PARAMETERS
tr = 8 ms
td = 20 ms
td = IPP/2
30
Figure 2. Clamping Voltage vs Peak Pulse Current
3.5
2.5
2.0
1.5
1.0
0.5
0.0
40
VC, CLAMPING VOLTAGE (V)
30
35
45
50
100
10
20
c−t
Figure 3. Typical Junction Capacitance vs
Reverse Voltage
5
05
VR, REVERSE VOLTAGE (V)
10
15
20
25
125
°C
4
3
9
2
6
25
°C
0
5
10
15
20
25
30
35
40
45
50
20
22
24
26
28
30
32
34
Figure 4. VBR versus IT Characteristics
TA = −55°C
125
°C
25
°C
65
°C
VBR, VOLTAGE (V)
Figure 5. IR versus Temperature Characteristics
0
5
10
15
20
25
01
2
3
4
5
−55
°C
TA = +150°C
+25
°C
IL, LEAKAGE CURRENT (nA)
0
20
40
60
80
100
120
−60
−30
0
30
60
90
120
150 180
Figure 6. Temperature Power Dissipation Derating
TEMPERATURE (
°C)
3.0
7
8



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com