Electronic Components Datasheet Search
  English  ▼

X  

903 Datasheet(PDF) 1 Page - Alpha Wire

Part # 903
Description  M12?륚 Die Cast Passive I/O Box
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

903 Datasheet(HTML) 1 Page - Alpha Wire

  903 Datasheet HTML 1Page - Alpha Wire 903 Datasheet HTML 2Page - Alpha Wire 903 Datasheet HTML 3Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
• • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • •
Alpha Wire | 711 Lidgerwood Ave, Elizabeth, NJ 07207
www.alphawire.com | 1-800-52 ALPHA
1
Customer Specification 
PART NO: 903 Series 
M12‐A Die Cast Passive I/O Box
Dimensions 
Technical Data
Box Configuration 
 
Ports 
8 
Channels per Port 
2 
LED 
No 
Code Type 
A 
Housing 
Die Cast Zinc 
Contact 
Copper Alloy, Gold Plated 
Receptacle Shell 
Copper Alloy, Nickel Plated 
O‐Ring 
FKM 
Electrical 
 
Contact Resistance ≤5mΩ 
Voltage Rating 
30V DC 
Current Rating 
4A per port/10A max. Total @ 40°C 
Insulation Resistance 
>109Ω 
UL File 
E485582 
Cable Construction 
 
Conductor Size 
3 x 1.0mm2 & 16 x 0.50mm2 


Similar Part No. - 903

ManufacturerPart #DatasheetDescription
logo
Maxwell Technologies
903 MAXWELL-903 Datasheet
311Kb / 14P
High Speed Comparator
logo
List of Unclassifed Man...
903 ETC2-903 Datasheet
202Kb / 1P
NYLON TUBE SPACERS
903 ETC2-903 Datasheet
202Kb / 1P
NYLON TUBE SPACERS
logo
Keystone Electronics Co...
903 KEYSTONE-903 Datasheet
558Kb / 1P
TERMINAL LUGS
31-07 20th
logo
Premier Farnell Limited...
903 DURATOOL-903 Datasheet
23Kb / 1P
Drill Drifts
More results

Similar Description - 903

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
900 ALPHAWIRE-900 Datasheet
160Kb / 3P
M12?륚 Die Cast Passive I/O Box
901 ALPHAWIRE-901 Datasheet
160Kb / 3P
M12?륚 Die Cast Passive I/O Box
902 ALPHAWIRE-902 Datasheet
181Kb / 3P
M12?륚 Die Cast Passive I/O Box
904 ALPHAWIRE-904 Datasheet
169Kb / 3P
M12?륚 Die Cast Passive I/O Box
905 ALPHAWIRE-905 Datasheet
167Kb / 3P
M12?륚 Die Cast Passive I/O Box
906 ALPHAWIRE-906 Datasheet
171Kb / 2P
M12?륚 Die Cast Passive I/O Box
907V2 ALPHAWIRE-907V2 Datasheet
361Kb / 3P
M12-A Die Cast Passive I/O Box
915 ALPHAWIRE-915 Datasheet
175Kb / 3P
M12?륚 Plastic Passive I/O Box
916 ALPHAWIRE-916 Datasheet
162Kb / 2P
M12?륚 Plastic Passive I/O Box
919 ALPHAWIRE-919 Datasheet
175Kb / 3P
M12?륚 Plastic Passive I/O Box
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com