Electronic Components Datasheet Search
  English  ▼

X  

WL2000 Datasheet(PDF) 1 Page - Laird Tech Smart Technology

Part # WL2000
Description  Liquid to Air Heat Exchanger System
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

WL2000 Datasheet(HTML) 1 Page - Laird Tech Smart Technology

  WL2000 Datasheet HTML 1Page - Laird Tech Smart Technology WL2000 Datasheet HTML 2Page - Laird Tech Smart Technology WL2000 Datasheet HTML 3Page - Laird Tech Smart Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
WL 2000
Liquid to Air Heat Exchanger System
Page 1 of 3
WATER COOLED HEAT EXCHANGER UNITS
FOR MEDICAL AND INDUSTRIAL SYSTEMS
The WL2000 is a re-circulating liquid to air heat exchanger that
offers dependable, compact performance by removing large
amounts of heat from a liquid circuit. The coolant is re-circulated
using a high pressure pump to assure maximum flow rate. Heat
from coolant is absorbed by a radiant heat exchanger and dissipated
into the ambient environment using brand name fan. Manual
adjustments can be made to control flow switch. Customized
features are available, however, MOQ applies.
Americas: +1.919.597.7300
Europe: +46.31.420530
Asia: +86.755.2714.1166
ets.sales@lairdtech.com
www.lairdtech.com
FEATURES
•
Compact design
•
Reliable operation
•
Adjustable flow switch
•
Bypass valve protection
APPLICATIONS
•
Medical imaging systems
•
Photonics laser systems
•
X-Ray scanning systems
•
Semiconductor fabrication
SPECIFICATIONS
Performance
Cooling capacity1
2,000 Watts
Flow Rate
> 4.4 Ipm @ 4 bar
Operation
Coolant
Water or Water/Glycol
Operational temperature range
10°C to 40°
2
Storage temperature range
(w/o coolant)
-25°C to 70°C
Humidity range
20% to 80%
Input Voltage
230 VAC
Frequency
50 Hz
Current Draw
2.1 Amps
Noise
< 70 dB(A)
Flow switch open
4.0 Ipm
Maximum forward pressure
6.7 bar
Physical
Dimensions (H x W x D)
50.5 x 30.5 x 30.0 cm
Weight (w/o coolant)
26.5 kg
Coolant Capacity
2.5 L
Couplings
Walther Type MD 006
1. Capacity rating is given at a temperature of 25°C (77°F) for the ambient air and water outlet temperature of 11°C.


Similar Part No. - WL2000

ManufacturerPart #DatasheetDescription
logo
SICK AG
WL2000-R5300 SICK-WL2000-R5300 Datasheet
507Kb / 6P
COMPACT PHOTOELECTRIC SENSORS
2019-01-28 13:26:15
More results

Similar Description - WL2000

ManufacturerPart #DatasheetDescription
logo
Advanced Thermal Soluti...
ATS-WFF-60W-12-C ATS-ATS-WFF-60W-12-C Datasheet
598Kb / 1P
Air to air heat exchanger
logo
Laird Tech Smart Techno...
WL500 LSTD-WL500 Datasheet
301Kb / 3P
Liquid to Air Heat Exchanger System
WL1000 LSTD-WL1000 Datasheet
259Kb / 3P
Liquid to Air Heat Exchanger System
WL1500 LSTD-WL1500 Datasheet
253Kb / 3P
Liquid to Air Heat Exchanger System
WL3000 LSTD-WL3000 Datasheet
277Kb / 3P
Liquid to Air Heat Exchanger System
WL5000 LSTD-WL5000 Datasheet
286Kb / 3P
Liquid to Air Heat Exchanger System
logo
II-VI Marlow, Inc.
CTA305-0001-01 VIMARLOW-CTA305-0001-01 Datasheet
355Kb / 2P
AIR TO AIR TE EXCHANGER STANDARD PRODUCT
CTA230-0001-01 VIMARLOW-CTA230-0001-01 Datasheet
169Kb / 2P
AIR TO AIR TE EXCHANGER STANDARD PRODUCT
logo
Laird Tech Smart Techno...
387002779 LSTD-387002779 Datasheet
692Kb / 4P
Liquid to Air Heat Exchanger WL3004
06-01-2022
387009381 LSTD-387009381 Datasheet
804Kb / 4P
Liquid to Air Heat Exchanger LA5000
11-11-2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com