Electronic Components Datasheet Search
  English  ▼

X  

916 Datasheet(PDF) 2 Page - Alpha Wire

Part # 916
Description  M12?륚 Plastic Passive I/O Box
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

916 Datasheet(HTML) 2 Page - Alpha Wire

  916 Datasheet HTML 1Page - Alpha Wire 916 Datasheet HTML 2Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
• • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • •
Alpha Wire | 711 Lidgerwood Ave, Elizabeth, NJ 07207
www.alphawire.com | 1-800-52 ALPHA
2
Customer Specification 
PART NO: 916 Series 
M12‐A Plastic Passive I/O Box
Operating Temperature 
Range 
‐15C (+5F)/ +80C (+176F) 
RoHS 
All materials used in the manufacture of 
this part meet the requirements of 
European Directive 2011/65/EU regarding 
the restriction of use of certain hazardous 
substances in electrical and electronic 
equipment. Exemption used; 6a. 
REACH Regulation (EC 
1907/2006) 
This product does not contain Substances 
of Very High Concern (SVHC) listed on the 
European Union’s REACH candidate list in 
excess of 0.1% mass of the item. 
Accessories Included  
2 Dust Covers for unused 
sockets 
 
10 attachable labels  
Ordering Information 
Description 
Quantity 
916‐5M NC032 
5 Meters 
Each 
916‐10M NC032 
10 Meters 
Each 
916‐CN NC032 
Connectorized 
Each 
 
 
 
 
 
 Although Alpha Wire (“Alpha”) makes every reasonable effort to ensure their accuracy at the time 
of this publication, information and specifications described herein are subject to error or omission 
and to change without notice, and the listing of such information and specifications does not 
ensure product availability. Alpha provides the information and specification herein on an “AS IS” 
basis, with no representations or warranties, whether express, statutory or implied. In no event 
will Alpha be liable any damages (including consequential, indirect, incidental, special, punitive, or 
exemplary damages) whatsoever, even if Alpha has been advised of the possibility of such 
damages, whether in an action under contact, negligence or any other theory, arising out of or in 
connection with the use, or inability to use, the information or specification described herein. 



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com