Electronic Components Datasheet Search
  English  ▼

X  

AFB0948L Datasheet(PDF) 1 Page - Delta Electronics, Inc.

Part # AFB0948L
Description  THIS SPECIFICATION DEFINES THE ELECTRICAL AND MECHANICAL CHARACTERISTICS OF THE FAN HEATSINK
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

AFB0948L Datasheet(HTML) 1 Page - Delta Electronics, Inc.

  AFB0948L Datasheet HTML 1Page - Delta Electronics, Inc. AFB0948L Datasheet HTML 2Page - Delta Electronics, Inc. AFB0948L Datasheet HTML 3Page - Delta Electronics, Inc. AFB0948L Datasheet HTML 4Page - Delta Electronics, Inc. AFB0948L Datasheet HTML 5Page - Delta Electronics, Inc. AFB0948L Datasheet HTML 6Page - Delta Electronics, Inc. AFB0948L Datasheet HTML 7Page - Delta Electronics, Inc. AFB0948L Datasheet HTML 8Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
SPECIFICATION FOR APPROVAL
Customer
Description
DC FAN
Part No.
REV.
Delta Model No.
AFB0948L
REV. 00
Sample Issue No.
Sample Issue Date
JAN.05.2011
PLEASE SEND ONE COPY OF THIS SPECIFICAITON
BACK
AFTER
YOU
SIGNED
APPROVAL
FOR
PRODUCTION PRE-ARRANGMENT.
APPROVED BY:
DATE
:
DELTA ELECTRONICS, INC.
TAOYUAN PLANT
252, SHANG YING ROAD, KUEI SAN INDUSTRIAL ZONE
TAOYUAN SHIEN, TAIWAN, R.O.C
.
TEL:886-(0)3-3591968
FAX:886-(0)3-3591991


Similar Part No. - AFB0948L

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AFB0948L ETC2-AFB0948L Datasheet
466Kb / 2P
92 x 92 x 25.4 MM SERIES
logo
Delta Electronics, Inc.
AFB0948L DELTA-AFB0948L Datasheet
615Kb / 2P
Bearing Type Ball Bearings
AFB0948L-B DELTA-AFB0948L-B Datasheet
683Kb / 7P
THIS SPECIFICATION DEFINES THE ELECTRICAL AND MECHANICAL CHARACTERISTICS OF THE DC BRUSHLESS AXIAL FLOW FAN.
More results

Similar Description - AFB0948L

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
AFB0712SHX02 DELTA-AFB0712SHX02 Datasheet
484Kb / 10P
THIS SPECIFICATION DEFINES THE ELECTRICAL AND MECHANICAL CHARACTERISTICS OF THE FAN HEATSINK
AFB0812SH-TP12 DELTA-AFB0812SH-TP12 Datasheet
1Mb / 9P
THIS SPECIFICATION DEFINES THE ELECTRICAL AND MECHANICAL CHARACTERISTICS OF THE FAN HEATSINK
AFB0824HH-T500 DELTA-AFB0824HH-T500 Datasheet
793Kb / 8P
THIS SPECIFICATION DEFINES THE ELECTRICAL AND MECHANICAL CHARACTERISTICS OF THE FAN HEATSINK
AFB0824M DELTA-AFB0824M Datasheet
2Mb / 8P
THIS SPECIFICATION DEFINES THE ELECTRICAL AND MECHANICAL CHARACTERISTICS OF THE FAN HEATSINK
AFB0912H-TA50 DELTA-AFB0912H-TA50 Datasheet
784Kb / 8P
THIS SPECIFICATION DEFINES THE ELECTRICAL AND MECHANICAL CHARACTERISTICS OF THE FAN HEATSINK
AFB0924VH-R00 DELTA-AFB0924VH-R00 Datasheet
872Kb / 9P
THIS SPECIFICATION DEFINES THE ELECTRICAL AND MECHANICAL CHARACTERISTICS OF THE FAN HEATSINK
AFB1212SH-R00 DELTA-AFB1212SH-R00 Datasheet
863Kb / 9P
THIS SPECIFICATION DEFINES THE ELECTRICAL AND MECHANICAL CHARACTERISTICS OF THE FAN HEATSINK
AFB1212VHE-T50F DELTA-AFB1212VHE-T50F Datasheet
836Kb / 9P
THIS SPECIFICATION DEFINES THE ELECTRICAL AND MECHANICAL CHARACTERISTICS OF THE FAN HEATSINK
AFB1212VHE-T500 DELTA-AFB1212VHE-T500 Datasheet
829Kb / 8P
THIS SPECIFICATION DEFINES THE ELECTRICAL AND MECHANICAL CHARACTERISTICS OF THE FAN HEATSINK
AFB1224EHE-EP DELTA-AFB1224EHE-EP Datasheet
1Mb / 9P
THIS SPECIFICATION DEFINES THE ELECTRICAL AND MECHANICAL CHARACTERISTICS OF THE FAN HEATSINK
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com