Electronic Components Datasheet Search
  English  ▼

X  

IR2170S Datasheet(PDF) 3 Page - International Rectifier

Part # IR2170S
Description  OVER CURRENT SENSING IC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2170S Datasheet(HTML) 3 Page - International Rectifier

  IR2170S Datasheet HTML 1Page - International Rectifier IR2170S Datasheet HTML 2Page - International Rectifier IR2170S Datasheet HTML 3Page - International Rectifier IR2170S Datasheet HTML 4Page - International Rectifier IR2170S Datasheet HTML 5Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
IR2170(S)
www.irf.com
VOC+
Overcurrent trip positive input voltage
—
260
—
VOC-
Overcurrent trip negative input voltage
—
-260
—
ILK
Offset supply leakage current
—
—
50
µA
VB = VS = 600V
IQBS
Quiescent VBS supply current
—
1
2
VS = 0V
IQCC
Quiescent VCC supply current
—
—
0.5
IOCC
OC output sink current
10
—
—
1—
—
DC Electrical Characteristics
VCC = VBS = 15V, and TA = 25
oC unless otherwise specified.
Symbol
Definition
Min.
Typ. Max. Units Test Conditions
VO = 1V
VO = 0.1V
mA
mV
AC Electrical Characteristics
VCC = VBS = 15V, and TA = 25
oC unless otherwise specified.
Symbol
Definition
Min.
Typ. Max. Units Test Conditions
Proagation delay characteristics
tdoc
Propagation delay time of OC
1
1.5
—
twoc
Low true pulse width of OC
—
1
—
µsec
Figure 1. OC Waveform
+260mV
-260mV
Vin
OC
t
woc
t
doc



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com