Electronic Components Datasheet Search
  English  ▼

X  

IR3080 Datasheet(PDF) 6 Page - International Rectifier

Part # IR3080
Description  XPHASE VRD10 CONTROL IC WITH VCCVID & OVERTEMP DETECT
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3080 Datasheet(HTML) 6 Page - International Rectifier

Back Button IR3080 Datasheet HTML 2Page - International Rectifier IR3080 Datasheet HTML 3Page - International Rectifier IR3080 Datasheet HTML 4Page - International Rectifier IR3080 Datasheet HTML 5Page - International Rectifier IR3080 Datasheet HTML 6Page - International Rectifier IR3080 Datasheet HTML 7Page - International Rectifier IR3080 Datasheet HTML 8Page - International Rectifier IR3080 Datasheet HTML 9Page - International Rectifier IR3080 Datasheet HTML 10Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
IR3080
PIN DESCRIPTION
PIN#
PIN SYMBOL
PIN DESCRIPTION
1
VIDFB
Feedback to the VCCVID regulator. Connect to the VCCVID output.
2
VCCVID
1.2V/150mA Regulator Output. Can also drive external pass transistor to minimize
on-chip power dissipation
3
VIDPWR
Power for VID Pull-up resistors and VCCVID Regulator
4-9
VID0-5
Inputs to VID D to A Converter. On-chip 700 ohm pull-up resistors to VIDPWR pin
are included.
10,
11,
13,14
TRM1-4
Used for precision post-package trimming of the VDAC voltage. Do not make any
connection to these pins.
12
VOSNS-
Remote Sense Input. Connect to ground at the Load.
15
ROSC
Connect a resistor to VOSNS- to program oscillator frequency and FB, OCSET,
BBFB, and VDAC bias currents
16
VDAC
Regulated voltage programmed by the VID inputs. Current Sensing and PWM
operation are referenced to this pin. Connect an external RC network to VOSNS- to
program Dynamic VID slew rate.
17
OCSET
Programs the hiccup over-current threshold through an external resistor tied to
VDAC and an internal current source. Over-current protection can be disabled by
connecting this pin to a DC voltage no greater than 6.5V (do not float this pin as
improper operation will occur).
18
IIN
Current Sense input from the Phase IC(s). To ensure proper operation bias to at
least 250mV (don’t float this pin).
19
VDRP
Buffered IIN signal. Connect an external RC network to FB to program converter
output impedance
20
FB
Inverting input to the Error Amplifier. Converter output voltage is offset from the
VDAC voltage through an external resistor connected to the converter output voltage
at the load and an internal current source.
21
EAOUT
Output of the Error Amplifier
22
BBFB
Input to the Regulation Detect Comparator. Connect to converter output voltage and
VDRP pin through resistor network to program recovery from VID step-down.
Connect to ground to diable Body Braking
TM during transition to a lower VID code.
23
VBIAS
6.8V/5mA Regulated output used as a system reference voltage for internal circuitry
and the Phase ICs
24
VCC
Power for internal circuitry
25
LGND
Local Ground and IC substrate connection
26
RMPOUT
Oscillator Output voltage. Used by Phase ICs to program Phase Delay
27
HOTSET
Inverting input to VRHOT comparator. Connect resistor divider from VBIAS to LGND
to program VRHOT threshold. Diode or thermistor may be substituted for lower
resistor for enhanced/remote temperature sensing. Applying a voltage exceeding
approximately 7.5V disables the oscillator for factory testing.
28
VRHOT
Open Collector output of the VRHOT comparator. Connect external pull-up.
29
SS/DEL
Controls Converter Softstart, Power Good, and Over-Current Delay Timing. Connect
an external capacitor to LGND to program the timing. An optional resistor can be
added in series with the capacitor to reduce the over-current delay time.
30
PWRGD
Open Collector output that drives low during Softstart and any external fault
condition. Connect external pull-up.
31
VIDPGD
Open Collector output of the VCCVID Power Good circuitry. Connect external pull-
up.
32
VIDDEL
Connect an external capacitor to LGND to program the VCCVID Power Good delay
Page 6 of 41
9/30/04



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com