Electronic Components Datasheet Search
  English  ▼

X  

IRF2204 Datasheet(PDF) 1 Page - International Rectifier

Part # IRF2204
Description  AUTOMOTIVE MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF2204 Datasheet(HTML) 1 Page - International Rectifier

  IRF2204 Datasheet HTML 1Page - International Rectifier IRF2204 Datasheet HTML 2Page - International Rectifier IRF2204 Datasheet HTML 3Page - International Rectifier IRF2204 Datasheet HTML 4Page - International Rectifier IRF2204 Datasheet HTML 5Page - International Rectifier IRF2204 Datasheet HTML 6Page - International Rectifier IRF2204 Datasheet HTML 7Page - International Rectifier IRF2204 Datasheet HTML 8Page - International Rectifier IRF2204 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Parameter
Max.
Units
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V
210
†
ID @ TC = 100°C
Continuous Drain Current, VGS @ 10V
150
†
A
IDM
Pulsed Drain Current

850
PD @TC = 25°C
Power Dissipation
330
W
Linear Derating Factor
2.2
W/°C
VGS
Gate-to-Source Voltage
± 20
V
EAS
Single Pulse Avalanche Energy
‚
460
mJ
IAR
Avalanche Current

See Fig.12a, 12b, 15, 16
A
EAR
Repetitive Avalanche Energy
‡
mJ
TJ
Operating Junction and
-55 to + 175
°C
TSTG
Storage Temperature Range
Soldering Temperature, for 10 seconds
300 (1.6mm from case )
Mounting Torque, 6-32 or M3 screw
10 lbf•in (1.1N•m)
HEXFET® Power MOSFET
Specifically designed for Automotive applications, this HEXFET® Power MOSFET
utilizes the lastest processing techniques to achieve extremely low on-resistance
per silicon area. Additional features of this design are a 175°C junction operating
temperature, fast switching speed and improved repetitive avalanche rating.
These features combine to make this design an extremely efficient and reliable
device for use in Automotive applications and a wide variety of other applications.
S
D
G
Absolute Maximum Ratings
VDSS = 40V
RDS(on) = 3.6mΩ
ID = 210A
†
Description
08/07/02
www.irf.com
1
●
Advanced Process Technology
●
Ultra Low On-Resistance
●
Dynamic dv/dt Rating
●
175°C Operating Temperature
●
Fast Switching
●
Repetitive Avalanche Allowed up to Tjmax
Features
Typical Applications
●
Electric Power Steering
●
14 Volts Automotive Electrical Systems
AUTOMOTIVE MOSFET
Thermal Resistance
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case
–––
0.45
RθCS
Case-to-Sink, Flat, Greased Surface
0.50
–––
°C/W
RθJA
Junction-to-Ambient
–––
62
TO-220AB
IRF2204
PD - 94434


Similar Part No. - IRF2204

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IRF2204 ISC-IRF2204 Datasheet
338Kb / 2P
N-Channel MOSFET Transistor
logo
International Rectifier
IRF2204L IRF-IRF2204L Datasheet
224Kb / 11P
AUTOMOTIVE MOSFET
IRF2204LPBF IRF-IRF2204LPBF Datasheet
256Kb / 12P
HEXFET짰 Power MOSFET ( VDSS = 40V , RDS(on) = 3.6m廓 , ID = 170A )
IRF2204PBF IRF-IRF2204PBF Datasheet
263Kb / 9P
HEXFET짰 Power MOSFET
IRF2204PBF IRF-IRF2204PBF Datasheet
263Kb / 9P
Advanced Process Technology
More results

Similar Description - IRF2204

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF3808S IRF-IRF3808S Datasheet
162Kb / 11P
AUTOMOTIVE MOSFET
IRFR3710Z IRF-IRFR3710Z Datasheet
218Kb / 11P
AUTOMOTIVE MOSFET
IRF2903ZSPBF IRF-IRF2903ZSPBF Datasheet
344Kb / 11P
AUTOMOTIVE MOSFET
IRF3805S-7P IRF-IRF3805S-7P Datasheet
638Kb / 10P
AUTOMOTIVE MOSFET
IRLR024ZPBF IRF-IRLR024ZPBF Datasheet
281Kb / 12P
AUTOMOTIVE MOSFET
logo
Kersemi Electronic Co.,...
IRFR3505TRL KERSEMI-IRFR3505TRL Datasheet
4Mb / 11P
AUTOMOTIVE MOSFET
IRFR3710ZPBF KERSEMI-IRFR3710ZPBF Datasheet
4Mb / 11P
AUTOMOTIVE MOSFET
IRFU3505 KERSEMI-IRFU3505 Datasheet
4Mb / 11P
AUTOMOTIVE MOSFET
IRFU3505PBF KERSEMI-IRFU3505PBF Datasheet
4Mb / 11P
AUTOMOTIVE MOSFET
IRFR2905Z KERSEMI-IRFR2905Z Datasheet
1Mb / 11P
AUTOMOTIVE MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com