Electronic Components Datasheet Search
  English  ▼

X  

IRFZ44L Datasheet(PDF) 2 Page - International Rectifier

Part # IRFZ44L
Description  HEXFET Power MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFZ44L Datasheet(HTML) 2 Page - International Rectifier

  IRFZ44L Datasheet HTML 1Page - International Rectifier IRFZ44L Datasheet HTML 2Page - International Rectifier IRFZ44L Datasheet HTML 3Page - International Rectifier IRFZ44L Datasheet HTML 4Page - International Rectifier IRFZ44L Datasheet HTML 5Page - International Rectifier IRFZ44L Datasheet HTML 6Page - International Rectifier IRFZ44L Datasheet HTML 7Page - International Rectifier IRFZ44L Datasheet HTML 8Page - International Rectifier IRFZ44L Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
IRFZ44S/L
‚ VDD = 25V, starting TJ = 25°C, L = 44µH
RG = 25Ω, IAS = 51A. (See Figure 12)
 Repetitive rating; pulse width limited by
max. junction temperature. ( See fig. 11 )
Notes:
** When mounted on 1" square PCB (FR-4 or G-10 Material ).
For recommended footprint and soldering techniques refer to application note #AN-994.
ƒ ISD ≤ 51A, di/dt ≤ 250A/µs, VDD ≤ V(BR)DSS,
TJ ≤ 175°C
„ Pulse width ≤ 300µs; duty cycle ≤ 2%.
… Uses IRFZ44 data and test conditions
Parameter
Min. Typ. Max. Units
Conditions
IS
Continuous Source Current
MOSFET symbol
(Body Diode)
–––
–––
showing the
ISM
Pulsed Source Current
integral reverse
(Body Diode)

–––
–––
p-n junction diode.
VSD
Diode Forward Voltage
–––
–––
2.5
V
TJ = 25°C, IS = 51A, VGS = 0V
„
trr
Reverse Recovery Time
–––
120
180
ns
TJ = 25°C, IF = 51A
Qrr
Reverse Recovery Charge
–––
530
800
nC
di/dt = 100A/µs
„…
ton
Forward Turn-On Time
Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
Source-Drain Ratings and Characteristics
A
Parameter
Min. Typ. Max. Units
Conditions
V(BR)DSS
Drain-to-Source Breakdown Voltage
60
–––
–––
V
VGS = 0V, ID = 250µA
∆V(BR)DSS/∆TJ Breakdown Voltage Temp. Coefficient
–––
0.06
–––
V/°C
Reference to 25°C, ID =1mA
…
RDS(on)
Static Drain-to-Source On-Resistance
–––
––– 0.028
Ω
VGS =10V, ID = 31A
„
VGS(th)
Gate Threshold Voltage
2.0
–––
4.0
V
VDS = VGS, ID = 250µA
gfs
Forward Transconductance
15
–––
–––
S
VDS = 25V, ID = 31A
…
–––
–––
25
µA
VDS = 60V, VGS = 0V
–––
–––
250
VDS = 48V, VGS = 0V, TJ = 150°C
Gate-to-Source Forward Leakage
–––
–––
100
VGS = 20V
Gate-to-Source Reverse Leakage
–––
–––
-100
nA
VGS = -20V
Qg
Total Gate Charge
–––
–––
67
ID = 51A
Qgs
Gate-to-Source Charge
–––
–––
18
nC
VDS = 48V
Qgd
Gate-to-Drain ("Miller") Charge
–––
–––
25
VGS = 10V, See Fig. 6 and 13
„…
td(on)
Turn-On Delay Time
–––
14
–––
VDD = 30V
tr
Rise Time
–––
110
–––
ID = 51A
td(off)
Turn-Off Delay Time
–––
45
–––
RG = 9.1
Ω
tf
Fall Time
–––
92
–––
RD = 0.55Ω, See Fig. 10
„
Between lead,
–––
–––
and center of die contact
Ciss
Input Capacitance
–––
1900 –––
VGS = 0V
Coss
Output Capacitance
–––
920
–––
pF
VDS = 25V
Crss
Reverse Transfer Capacitance
–––
170
–––
ƒ = 1.0MHz, See Fig. 5
…
Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
IGSS
ns
IDSS
Drain-to-Source Leakage Current
nH
7.5
LS
Internal Source Inductance
50
†
200
† Calculated continuous current based on maximum allowable
junction temperature; for recommended current-handling of the
package refer to Design Tip # 93-4
S
D
G



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com