Electronic Components Datasheet Search
  English  ▼

X  

74640010 Datasheet(PDF) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 74640010
Description  REDCUBE Plug Cable Connector WP-PLUG
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

74640010 Datasheet(HTML) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  74640010 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 74640010 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dimensions: [mm]
sectional drawing A-A
L1
3,5
L2
18,6
L3
A
A
Properties
Value
Unit
Length
L1
15
mm
Length
L2
11
mm
Length
L3
12
mm
Inner Diameter
Ø ID
4.3
mm
Outer Diameter
Ø OD
7
mm
Article Properties:
Properties
Value
Unit
Material
Copper Alloy
Surface
Tin
Operating Temperature
-55 °C up to +150 °C
Wire Cross Section
10
mm²
Properties:
Properties
Test conditions
Value
Unit
Rated Current
@ 20 °C
IR
80
A
Electrical Properties:
Packaging
Bulk
Packaging Properties:
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
CREATED
CHECKED
GENERAL TOLERANCE
PROJECTION
METHOD
DaMa
WlW
DIN ISO 2768-1m
DESCRIPTION
REDCUBE Plug Cable Connector
WP-PLUG
ORDER CODE
746 400 10
REVISION
STATUS
DATE
BUSINESS UNIT
PAGE
001.000
Valid
2016-10-10
eiCan
1/2
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use. Moreover Würth Elektronik eiSos GmbH
& Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before the design-in stage. In addition, sufficient reliability evaluation checks for safety
must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.


Similar Part No. - 74640010

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
74640016 WURTH-74640016 Datasheet
102Kb / 2P
REDCUBE Plug Cable Connector WP-PLUG
More results

Similar Description - 74640010

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
7464004 WURTH-7464004 Datasheet
102Kb / 2P
REDCUBE Plug Cable Connector WP-PLUG
7464006 WURTH-7464006 Datasheet
102Kb / 2P
REDCUBE Plug Cable Connector WP-PLUG
74640016 WURTH-74640016 Datasheet
102Kb / 2P
REDCUBE Plug Cable Connector WP-PLUG
74651174R WURTH-74651174R Datasheet
407Kb / 6P
REDCUBE THR with external thread WP-THRSH
74651175R WURTH-74651175R Datasheet
398Kb / 6P
REDCUBE THR with external thread WP-THRSH
74651194R WURTH-74651194R Datasheet
413Kb / 6P
REDCUBE THR with external thread WP-THRSH
7464000 WURTH-7464000 Datasheet
174Kb / 2P
REDCUBE Plug Terminal WP-PLUG
001.000
7460211 WURTH-7460211 Datasheet
220Kb / 3P
WP-TGTR REDCUBE PRESS-FIT
001.003
7461121 WURTH-7461121 Datasheet
212Kb / 3P
REDCUBE PRESS-FIT two-part support element WP-TPSE
001.001
74610704 WURTH-74610704 Datasheet
191Kb / 3P
WP-TGCF REDCUBE PRESS-FIT
001.001
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com