Electronic Components Datasheet Search
  English  ▼

X  

DR04AR101 Datasheet(PDF) 2 Page - Alpha Wire

Part # DR04AR101
Description  M12-A Male to M12-A Female
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

DR04AR101 Datasheet(HTML) 2 Page - Alpha Wire

  DR04AR101 Datasheet HTML 1Page - Alpha Wire DR04AR101 Datasheet HTML 2Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
• • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • •
Alpha Wire | 711 Lidgerwood Ave, Elizabeth, NJ 07207
www.alphawire.com | 1-800-52 ALPHA
2
Customer Specification
PART NO: DR04AR101
M12-A Male to M12-A Female
Although Alpha Wire (“Alpha”) makes every reasonable effort to ensure their accuracy at the time of this publication, information and
specifications described herein are subject to error or omission and to change without notice, and the listing of such information and
specifications does not ensure product availability. Alpha provides the information and specification herein on an “AS IS” basis, with no
representations or warranties, whether express, statutory or implied. In no event will Alpha be liable any damages (including consequential,
indirect, incidental, special, punitive, or exemplary damages) whatsoever, even if Alpha has been advised of the possibility of such damages,
whether in an action under contact, negligence or any other theory, arising out of or in connection with the use, or inability to use, the
information or specification described herein.
Applicable Specifications-
Cord Set
UL
ANSI/UL 2238, Cable Assembly Extension
RU, UL File Number E485156
CSA
CSA-C22.2 No. 182.3, Special Use
Attachment Plugs, Receptacles and
Connectors
cRU, UL File Number E485156
Nominal Voltage
240 V
Rated Voltage
250 V
Ingress Protection
IP67/NEMA 6P
Environmental Compliance
CE
All materials used in the manufacture of
this part meet the requirements of
European Directive 2011/65/EU regarding
the restriction of use of certain hazardous
substances in electrical and electronic
equipment. Exemption used; 6a.
REACH Regulation (EC
1907/2006)
This product does not contain Substances
of Very High Concern (SVHC) listed on the
European Union’s REACH candidate list in
excess of 0.1% mass of the item.
Physical & Mechanical
Properties
Temperature Range, Cord
-50 to 90°C(static), -40 to 80°C (dynamic)
Temperature Range,
Connector
-25°C to +80°C
Bend Radius
4X Cable Diameter (static), 6X Cable
Diameter (dynamic)
Pull Tension
20.4 Lbs, Maximum
Current Rating
2.2 Amps @ 50°C
Ordering Information
DR04AR101 SL355
0.6 Meters
DR04AR101 SL356
1.0 Meters
DR04AR101 SL357
3.0 Meters
DR04AR101 SL358
5.0 Meters
DR04AR101 SL359
10.0 Meters
DR04AR101 SL400
15.0 Meters
DR04AR101 SL401
20.0 Meters
Standard Package
Each



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com