Electronic Components Datasheet Search
  English  ▼

X  

LF451 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LF451
Description  LF451 Wide-Bandwidth JFET-Input Operational Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LF451 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LF451 Datasheet HTML 1Page - National Semiconductor (TI) LF451 Datasheet HTML 2Page - National Semiconductor (TI) LF451 Datasheet HTML 3Page - National Semiconductor (TI) LF451 Datasheet HTML 4Page - National Semiconductor (TI) LF451 Datasheet HTML 5Page - National Semiconductor (TI) LF451 Datasheet HTML 6Page - National Semiconductor (TI) LF451 Datasheet HTML 7Page - National Semiconductor (TI) LF451 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Pulse Response
Small Signal Inverting
TLH9660 – 6
Small Signal Non-Inverting
TLH9660 – 7
Large Signal Inverting
TLH9660 – 8
Large Signal Non-Inverting
TLH9660 – 9
Current Limit (RL e 100X)
TLH9660 – 10
Application Hints
The LF451CM is an op amp with an internally trimmed input
offset voltage and JFET input devices (BI-FET II) These
JFETs have large reverse breakdown voltages from gate to
source and drain eliminating the need for clamps across the
inputs Therefore large differential input voltages can easily
be accommodated without a large increase in input current
The maximum differential input voltage is independent of
the supply voltages However neither of the input voltages
should be allowed to exceed the negative supply as this will
cause large currents to flow which can result in a destroyed
unit
Exceeding the negative common-mode limit with the non-in-
verting input or with both inputs will force the output to a
high state potentially causing a reversal of phase to the
output
In neither case does a latch occur since raising the input
back within the common-mode range again puts the input
stage and thus the amplifier in a normal operating mode
5



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com